Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7431 Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 61Page - Microchip Technology LAN7431 Datasheet HTML 62Page - Microchip Technology LAN7431 Datasheet HTML 63Page - Microchip Technology LAN7431 Datasheet HTML 64Page - Microchip Technology LAN7431 Datasheet HTML 65Page - Microchip Technology LAN7431 Datasheet HTML 66Page - Microchip Technology LAN7431 Datasheet HTML 67Page - Microchip Technology LAN7431 Datasheet HTML 68Page - Microchip Technology LAN7431 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 65
LAN7430/LAN7431
7.6.7
MDIO INTERFACE TIMING (LAN7431 ONLY)
This section specifies the LAN7431 MDIO interface timing.
Note 7-41
The MDIO Interface outputs a nominal 400 ns clock with a 50/50 duty cycle.
Note 7-42
The MDIO Interface changes output data a nominal 120 ns following the rising edge of MDC.
Note 7-43
The MDIO Interface samples input data a nominal 40 ns prior to the rising edge of MDC.
FIGURE 7-12:
MDIO INTERFACE TIMING
TABLE 7-20:
MDIO INTERFACE TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
tclkp
MDC period
400
ns
Note 7-41
tclkh
MDC high time
180 (90%)
ns
Note 7-41
tclkl
MDC low time
180 (90%)
ns
Note 7-41
tval
MDIO (write to PHY) output valid from rising
edge of MDC
250
ns
Note 7-42
tohold
MDIO (write to PHY) output hold from rising
edge of MDC
50
ns
Note 7-42
tsu
MDIO (read from PHY) input setup time to rising
edge of MDC
70
ns
Note 7-43
tihold
MDIO (read from to PHY) input hold time after
rising edge of MDC
0
ns
Note 7-43
MDC
MDIO
tclkh
tclkl
tclkp
tohold
MDIO
tsu tihold
(Data-Out)
(Data-In)
tohold
tval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com