Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7431 Datasheet(PDF) 56 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 56 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 52Page - Microchip Technology LAN7431 Datasheet HTML 53Page - Microchip Technology LAN7431 Datasheet HTML 54Page - Microchip Technology LAN7431 Datasheet HTML 55Page - Microchip Technology LAN7431 Datasheet HTML 56Page - Microchip Technology LAN7431 Datasheet HTML 57Page - Microchip Technology LAN7431 Datasheet HTML 58Page - Microchip Technology LAN7431 Datasheet HTML 59Page - Microchip Technology LAN7431 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 56
 2018-2019 Microchip Technology Inc.
7.6
AC Specifications
This section details the various AC timing specifications of the device.
7.6.1
EQUIVALENT TEST LOAD
Output timing specifications assume a 25pF equivalent test load, unless otherwise noted, as illustrated in Figure 7-1.
7.6.2
POWER SEQUENCE TIMING
This section details the device power sequencing requirements. The VDDVARIO, VDDVARIO_B, VDD_SW_IN,
VDD_REG_IN, VDD_OTP, AVDDH_1 and AVDDH_2 power supplies must all reach operational levels within the spec-
ified time period tpon, as shown in Figure 7-2. When operating with the internal regulators disabled, VDD12CORE,
AVDD12, AVDDL_1, AVDDL_2, VPH, VPTX and VP are also included in this requirement, as shown in Figure 7-3.
In addition, all of the power supplies must reach 80% of their operating voltage level within 15ms. This requirement can
be safely ignored if using an external reset as shown in Section 7.6.4.
Device power supplies can turn off in any order provided they all reach 0 volts within the specified time period tpoff.
Note:
The MII timing adheres to or exceeds the IEEE 802.3 specification. Refer to the IEEE 802.3 specification
for additional MII timing information.
Note:
The RGMII timing adheres to or exceeds the HP RGMII Specification Version 2.0. Refer to this specification
for additional RGMII timing information.
FIGURE 7-1:
OUTPUT EQUIVALENT TEST LOAD
FIGURE 7-2:
POWER SEQUENCE TIMING (INTERNAL REGULATORS)
25 pF
OUTPUT
VDDVARIO,
VDDVARIO_B
VDD_SW_IN, VDD_REG_IN,
VDD_OTP, AVDDH_1, AVDDH_2
tpon
tpoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com