Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 365 page
background image
161
AT90PWM2/3
4317A-3–AVR–02/05
PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Output
Figure 89. PSC behaviour versus PSCn Input A in Mode 14
The output frequency is not modified by the occurence of significative edge of retrigger-
ing input.
Figure 90. PSC behaviour versus PSCn Input B in Mode 14
The output is disactivated while retriggering input is active.
The output of the PSC is set to an inactive state and the corresponding ramp is not
aborted. The output stays in an inactive state while the Retrigger/Fault input is actve.
The PSC runs at constant frequency.
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0
DT1
OT1
DT1
OT1
DT0
OT0
DT1
OT1
PSCn Input A
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0
DT1
OT1
DT1
OT1
DT0
OT0
DT1
OT1
PSCn Input B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com