Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 365 page
background image
162
AT90PWM2/3
4317A-3–AVR–02/05
Available Input Mode
according to Running Mode
Some Input Modes are not consistent with some Running Modes. So the table below
gives the input modes which are valid according to running modes..
Event Capture
The PSC can capture the value of time (PSC counter) when a retrigger event or fault
event occurs on PSC inputs. This value can be read by sofware in PICRnH/L register.
Using the Input Capture Unit
The main challenge when using the Input Capture unit is to assign enough processor
capacity for handling the incoming events. The time between two events is critical. If the
processor has not read the captured value in the PICRn Register before the next event
occurs, the PICRn will be overwritten with a new value. In this case the result of the cap-
ture will be incorrect.
When using the Input Capture interrupt, the PICRn Register should be read as early in
the interrupt handler routine as possible. Even though the Input Capture interrupt has
relatively high priority, the maximum interrupt response time is dependent on the maxi-
mum number of clock cycles it takes to handle any of the other interrupt requests.
Table 58. Available Input Modes according to Running Modes
Input Mode
Number :
1 Ramp
Mode
2 Ramp
Mode
4 Ramp
Mode
Centered
Mode
1
Valid
Valid
Valid
Do not use
2
Do not use
Valid
Valid
Do not use
3
Do not use
Valid
Valid
Do not use
4
Valid
Valid
Valid
Valid
5
Do not use
Valid
Valid
Do not use
6
Do not use
Valid
Valid
Do not use
7
Valid
Valid
Valid
Valid
8
Valid
Valid
Valid
Do not use
9
Valid
Valid
Valid
Do not use
10
Do not use
11
12
13
14
Do not use
Valid
Valid
Do not use
15
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com