Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 165 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 365 page
background image
165
AT90PWM2/3
4317A-3–AVR–02/05
PSC Synchronization
2 or 3 PSC can be started at the same time by a chained mechanism.
Figure 92. PSC Run Synchronization
If the PSCm has its PARUNn bit set, then it can start at the same time than PSCn-1.
PRUNn and PARUNn bits are located PCTLn register. See page 174.
Note : Do not set the PARUNn bits on the three PSC at the same time.
Thanks to this feature, we can for example configure two PSC in slave mode (PARUNn
= 1 / PRUNn = 0) and one PSC in master mode (PARUNm = 0 / PRUNm = 0). This PSC
master can start all PSC at the same moment ( PRUNm = 1).
Fault events in Autorun mode
To complete this master/slave mechanism, fault events are propagated from PSCn-1 to
PSCn and from PSCn to PSCn-1.
A PSC which propagate a Run signal to the following PSC stops this PSC when the Run
signal is deactivate.
A PSC which receive its Run signal from the previous PSC transmits its fault signal (if
enabled) to this previous PSC. So a slave PSC propagates its fault events when they
are configured and enabled.
PSC Clock Sources
PSC must be able to generate high frequency with enhanced resolution.
Each PSC has two clock inputs:
•
CLK PLL from the PLL
•
CLK I/O
PARUN0
PRUN0
Run PSC0
PSC0
PARUN1
PRUN1
Run PSC1
PSC1
PARUN2
PRUN2
Run PSC2
PSC2
SY0Out
SY0In
SY1In
SY2In
SY1Out
SY2Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com