Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation AT90PWM2 Datasheet HTML 171Page - ATMEL Corporation AT90PWM2 Datasheet HTML 172Page - ATMEL Corporation AT90PWM2 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 365 page
background image
169
AT90PWM2/3
4317A-3–AVR–02/05
• Bit 3 – POEN2D : PSCOUT23 Output Enable (PSC2 only)
When this bit is clear, second I/O pin affected to PSCOUT23 acts as a standard port.
When this bit is set, second I/O pin affected to PSCOUT23 is connected to the PSC
waveform generator B output and is set and clear according to the PSC operation.
• Bit 2 – POENnB: PSC n OUT Part B Output Enable
When this bit is clear, I/O pin affected to PSCOUTn1 acts as a standard port.
When this bit is set, I/O pin affected to PSCOUTn1 is connected to the PSC waveform
generator B output and is set and clear according to the PSC operation.
• Bit 1 – POEN2C : PSCOUT22 Output Enable (PSC2 only)
When this bit is clear, second I/O pin affected to PSCOUT22 acts as a standard port.
When this bit is set, second I/O pin affected to PSCOUT22 is connected to the PSC
waveform generator A output and is set and clear according to the PSC operation.
• Bit 0 – POENnA: PSC n OUT Part A Output Enable
When this bit is clear, I/O pin affected to PSCOUTn0 acts as a standard port.
When this bit is set, I/O pin affected to PSCOUTn0 is connected to the PSC waveform
generator A output and is set and clear according to the PSC operation.
Output Compare SA Register
– OCRnSAH and OCRnSAL
Output Compare RA Register
– OCRnRAH and OCRnRAL
Output Compare SB Register
– OCRnSBH and OCRnSBL
Table 63. Synchronization Source Description in Centered Mode
PSYNCn1
PSYNCn0
Description
0
0
Send signal on match with OCRnSA (during counting down of
PSC)
0
1
Send signal on match with OCRnSA (during counting up of PSC)
1
0
no synchronization signal
1
1
no synchronization signal
Bit
765
432
10
–
–
–
–
OCRnSA[11:8]
OCRnSAH
OCRnSA[7:0]
OCRnSAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00
Bit
765
432
10
–
–
–
–
OCRnRA[11:8]
OCRnRAH
OCRnRA[7:0]
OCRnRAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00
Bit
765
432
10
–
–
–
–
OCRnSB[11:8]
OCRnSBH
OCRnSB[7:0]
OCRnSBL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com