Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation AT90PWM2 Datasheet HTML 171Page - ATMEL Corporation AT90PWM2 Datasheet HTML 172Page - ATMEL Corporation AT90PWM2 Datasheet HTML 173Page - ATMEL Corporation AT90PWM2 Datasheet HTML 174Page - ATMEL Corporation AT90PWM2 Datasheet HTML 175Page - ATMEL Corporation AT90PWM2 Datasheet HTML 176Page - ATMEL Corporation AT90PWM2 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 365 page
background image
173
AT90PWM2/3
4317A-3–AVR–02/05
PSC 0 Control Register –
PCTL0
• Bit 7:6 – PPRE01:0 : PSC 0 Prescaler Select
This two bits select the PSC input clock division factor. All generated waveform will be
modified by this factor.
• Bit 5 – PBFM0 : Balance Flank Width Modulation
When this bit is clear, Flank Width Modulation operates on On-Time 1 only.
When this bit is set, Flank Width Modulation operates on On-Time 0 and On-Time 1.
• Bit 4 – PAOC0B : PSC 0 Asynchronous Output Control B
When this bit is set, Fault input selected to block B can act directly to PSCOUT01 out-
put. See Section “PSC Clock Sources”, page 165
• Bit 3 – PAOC0A : PSC 0 Asynchronous Output Control A
When this bit is set, Fault input selected to block A can act directly to PSCOUT00 out-
put. See Section “PSC Clock Sources”, page 165
• Bit 2 – PARUN0 : PSC 0 Autorun
When this bit is set, the PSC 0 starts with PSC2. That means that PSC 0 starts :
•
when PRUN2 bit in PCTL2 is set,
•
or when PARUN2 bit in PCTL2 is set and PRUN1 bit in PCTL1 register is set.
Thanks to this bit, 2 or 3 PSCs can be synchronized (motor control for example)
• Bit 1 – PCCYC0 : PSC 0 Complete Cycle
When this bit is set, the PSC 0 completes the entire waveform cycle before halt opera-
tion requested by clearing PRUN0. This bit is not relevant in slave mode (PARUN0 = 1).
• Bit 0 – PRUN0 : PSC 0 Run
Writing this bit to one starts the PSC 0.
When set, this bit prevails over PARUN0 bit.
Bit
7
65
43
21
0
PPRE01
PPRE00
PBFM0
PAOC0B
PAOC0A
PARUN0
PCCYC0
PRUN0
PCTL0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 65. PSC 0 Prescaler Selection
PPRE01
PPRE00
Description
0
0
No divider on PSC input clock
0
1
Divide the PSC input clock by 4
1
0
Divide the PSC input clock by 16
1
1
Divide the PSC clock by 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com