Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation AT90PWM2 Datasheet HTML 171Page - ATMEL Corporation AT90PWM2 Datasheet HTML 172Page - ATMEL Corporation AT90PWM2 Datasheet HTML 173Page - ATMEL Corporation AT90PWM2 Datasheet HTML 174Page - ATMEL Corporation AT90PWM2 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 365 page
background image
171
AT90PWM2/3
4317A-3–AVR–02/05
PSC 0 Configuration Register
– PCNF0
PSC 1 Configuration Register
– PCNF1
PSC 2 Configuration Register
– PCNF2
The PSC n Configuration Register is used to configure the running mode of the PSC.
• Bit 7 - PFIFTYn: PSC n Fifty
Writing this bit to one, set the PSC in a fifty percent mode where only OCRnRBH/L and
OCRnSBH/L are used. They are duplicated in OCRnRAH/L and OCRnSAH/L during the
update of OCRnRBH/L. This feature is useful to perform fifty percent waveforms.
• Bit 6 - PALOCKn: PSC n Autolock
When this bit is set, the Output Compare Registers RA, SA and SB can be written with-
out disturbing the PSC cycles. The update of the PSC internal registers will be done at
the end of the PSC cycle if the Output Compare Register RB has been the last written.
When set, this bit prevails over LOCK (bit 5)
• Bit 5 – PLOCKn: PSC n Lock
When this bit is set, the Output Compare Registers RA, RB, SA and SB can be written
without disturbing the PSC cycles. The update of the PSC internal registers will be done
if the LOCK bit is released to zero.
• Bit 4:3 – PMODEn1: 0: PSC n Mode
Select the mode of PSC.
• Bit 2 – POPn: PSC n Output Polarity
If this bit is cleared, the PSC outputs are active Low.
If this bit is set, the PSC outputs are active High.
Bit
7
65
43
21
0
PFIFTY0
PALOCK0
PLOCK0
PMODE01 PMODE00
POP0
PCLKSEL0
-
PCNF0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
PFIFTY1
PALOCK1
PLOCK1
PMODE11 PMODE10
POP1
PCLKSEL1
-
PCNF0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
PFIFTY2
PALOCK2
PLOCK2
PMODE21 PMODE20
POP2
PCLKSEL2
POME2
PCNF0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 64. PSC n Mode Selection
PMODEn1
PMODEn0
Description
0
0
One Ramp Mode
0
1
Two Ramp Mode
1
0
Four Ramp Mode
1
1
Center Aligned Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com