Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 176 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 172Page - ATMEL Corporation AT90PWM2 Datasheet HTML 173Page - ATMEL Corporation AT90PWM2 Datasheet HTML 174Page - ATMEL Corporation AT90PWM2 Datasheet HTML 175Page - ATMEL Corporation AT90PWM2 Datasheet HTML 176Page - ATMEL Corporation AT90PWM2 Datasheet HTML 177Page - ATMEL Corporation AT90PWM2 Datasheet HTML 178Page - ATMEL Corporation AT90PWM2 Datasheet HTML 179Page - ATMEL Corporation AT90PWM2 Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 365 page
background image
176
AT90PWM2/3
4317A-3–AVR–02/05
PSC n Input A Control
Register – PFRCnA
PSC n Input B Control
Register – PFRCnB
The Input Control Registers are used to configure the 2 PSC’s Retrigger/Fault block A &
B. The 2 blocks are identical, so they are configured on the same way.
• Bit 7 – PCAEnx : PSC n Capture Enable Input Part x
Writing this bit to one enables the capture function when external event occurs on input
selected as input for Part x (see PISELnx bit in the same register).
• Bit 6 – PISELnx : PSC n Input Select for Part x
Clear this bit to select PSCINn as input of Fault/Retrigger block x.
Set this bit to select Comparator n Output as input of Fault/Retrigger block x.
• Bit 5 –PELEVnx : PSC n Edge Level Selector of Input Part x
When this bit is clear, the falling edge or low level of selected input generates the signif-
icative event for retrigger or fault function .
When this bit is set, the rising edge or high level of selected input generates the signifi-
cative event for retrigger or fault function.
• Bit 4 – PFLTEnx : PSC n Filter Enable on Input Part x
Setting this bit (to one) activates the Input Capture Noise Canceler. When the noise can-
celer is activated, the input from the retrigger pin is filtered. The filter function requires
four successive equal valued samples of the retrigger pin for changing its output. The
Input Capture is therefore delayed by four oscillator cycles when the noise canceler is
enabled.
• Bit 3:0 – PRFMnx3:0: PSC n Fault Mode
These four bits define the mode of operation of the Fault or Retrigger functions.
(see PSC Functional Specification for more explanations)
Table 68. Level Sensitivity and Fault Mode Operation
Bit
7
65
43
21
0
PCAEnA
PISELnA PELEVnA PFLTEnA PRFMnA3 PRFMnA2 PRFMnA1 PRFMnA0
PFRCnA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
PCAEnB
PISELnB PELEVnB PFLTEnB PRFMnB3 PRFMnB2 PRFMnB1 PRFMnB0
PFRCnB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
PRFMnx3:0
Description
0000b
No action, PSC Input is ignored
0001b
PSC Input Mode 1: Stop signal, Jump to Opposite Dead-Time and
Wait
0010b
PSC Input Mode 2: Stop signal, Execute Opposite Dead-Time and
Wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com