Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 178 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 174Page - ATMEL Corporation AT90PWM2 Datasheet HTML 175Page - ATMEL Corporation AT90PWM2 Datasheet HTML 176Page - ATMEL Corporation AT90PWM2 Datasheet HTML 177Page - ATMEL Corporation AT90PWM2 Datasheet HTML 178Page - ATMEL Corporation AT90PWM2 Datasheet HTML 179Page - ATMEL Corporation AT90PWM2 Datasheet HTML 180Page - ATMEL Corporation AT90PWM2 Datasheet HTML 181Page - ATMEL Corporation AT90PWM2 Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 365 page
background image
178
AT90PWM2/3
4317A-3–AVR–02/05
PSC 0 Input Capture Register
– PICR0H and PICR0L
PSC 1 Input Capture Register
– PICR1H and PICR1L
PSC 2 Input Capture Register
– PICR2H and PICR2L
The Input Capture is updated with the PSC counter value each time an event occurs on
the enabled PSC input pin (or optionally on the Analog Comparator output) if the capture
function is enabled (bit PCAEnx in PFRCnx register is set).
The Input Capture Register is 12-bit in size. To ensure that both the high and low bytes
are read simultaneously when the CPU accesses these registers, the access is per-
formed using an 8-bit temporary high byte register (TEMP). This temporary register is
shared by all the other 16-bit or 12-bit registers.
This register is read only and a write operation to this register is not allowed.
PSC2 Specific Register
PSC 2 Output Matrix – POM2
• Bit 7 – POMV2B3: Output Matrix Output B Ramp 3
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 3
• Bit 6 – POMV2B2: Output Matrix Output B Ramp 2
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 2
• Bit 5 – POMV2B1: Output Matrix Output B Ramp 1
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 1
• Bit 4 – POMV2B0: Output Matrix Output B Ramp 0
This bit gives the state of the PSCOUT21 (and/or PSCOUT23) during ramp 0
Bit
765
432
10
–
–
–
–
PICR0[11:8]
PICR0H
PICR0[7:0]
PICR0L
Read/Write
RR
RRR
RRR
Initial Value
000
000
00
Bit
765
432
10
–
–
–
–
PICR1[11:8]
PICR1H
PICR1[7:0]
PICR1L
Read/Write
RR
RRR
RRR
Initial Value
000
000
00
Bit
765
432
10
–
–
–
–
PICR2[11:8]
PICR2H
PICR2[7:0]
PICR2L
Read/Write
RR
RRR
RRR
Initial Value
000
000
00
Bit
7
65
43
21
0
POMV2B3
POMV2B2
POMV2B1
POMV2B0
POMV2A3
POMV2A2
POMV2A1
POMV2A0
POM2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com