Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 180 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 180 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 176Page - ATMEL Corporation AT90PWM2 Datasheet HTML 177Page - ATMEL Corporation AT90PWM2 Datasheet HTML 178Page - ATMEL Corporation AT90PWM2 Datasheet HTML 179Page - ATMEL Corporation AT90PWM2 Datasheet HTML 180Page - ATMEL Corporation AT90PWM2 Datasheet HTML 181Page - ATMEL Corporation AT90PWM2 Datasheet HTML 182Page - ATMEL Corporation AT90PWM2 Datasheet HTML 183Page - ATMEL Corporation AT90PWM2 Datasheet HTML 184Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 365 page
background image
180
AT90PWM2/3
4317A-3–AVR–02/05
PSC0 Interrupt Flag Register –
PIFR0
PSC1 Interrupt Flag Register –
PIFR1
PSC2 Interrupt Flag Register –
PIFR2
• Bit 7 – POACnB : PSC n Output B Activity
This bit is set by hardware each time the output PSCOUTn1 changes from 0 to 1 or from
1 to 0.
Must be cleared by software by writing a one to its location.
This feature is useful to detect that a PSC output doesn’t change due to a freezen exter-
nal input signal.
• Bit 6 – POACnA : PSC n Output A Activity
This bit is set by hardware each time the output PSCOUTn0 changes from 0 to 1 or from
1 to 0.
Must be cleared by software by writing a one to its location.
This feature is useful to detect that a PSC output doesn’t change due to a freezen exter-
nal input signal.
• Bit 5 – PSEIn : PSC n Synchro Error Interrupt
This bit is set by hardware when the update (or end of PSC cycle) of the PSCn config-
ured in auto run (PARUNn = 1) does not occur at the same time than the PSCn-1 which
has generated the input run signal. (For PSC0, PSCn-1 is PSC2).
Must be cleared by software by writing a one to its location.
This feature is useful to detect that a PSC doesn’t run at the same speed or with the
same phase than the PSC master.
• Bit 4 – PEVnB : PSC n External Event B Interrupt
This bit is set by hardware when an external event which can generates a capture or a
retrigger from Retrigger/Fault block B occurs.
Must be cleared by software by writing a one to its location.
This bit can be read even if the corresponding interrupt is not enabled (PEVEnB bit = 0).
Bit
7
65
43
21
0
POAC0B
POAC0A
PSEI0
PEV0B
PEV0A
PRN01
PRN00
PEOP2
PIFR0
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
POAC1B
POAC1A
PSEI1
PEV1B
PEV1A
PRN11
PRN10
PEOP1
PIFR1
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
POAC2B
POAC2A
PSEI2
PEV2B
PEV2A
PRN21
PRN20
PEOP2
PIFR2
Read/Write
R
R
R/W
R/W
R/W
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com