Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 166 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 365 page
background image
166
AT90PWM2/3
4317A-3–AVR–02/05
Figure 93. Clock selection
PCLKSELn bit in PSC n Configuration register (PCNFn) is used to select the clock
source.
PPREn1/0 bits in PSC n Control Register (PCTLn) are used to select the divide factor of
the clock.
Table 60. Output Clock versus Selection and Prescaler
PCLKSELn
PPREn1
PPREn0
CLKPSCn output
0
0
0
CLK I/O
0
0
1
CLK I/O / 4
0
1
0
CLK I/O / 16
0
1
1
CLK I/O / 64
10
0
CLK PLL
1
0
1
CLK PLL / 4
1
1
0
CLK PLL / 16
1
1
1
CLK PLL / 64
CLK
CLK PSCn
CLK
PLL
I/O
PRESCALER
CK
PPREn1/0
PCLKSELn
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com