Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 251Page - ATMEL Corporation AT90PWM2 Datasheet HTML 252Page - ATMEL Corporation AT90PWM2 Datasheet HTML 253Page - ATMEL Corporation AT90PWM2 Datasheet HTML 254Page - ATMEL Corporation AT90PWM2 Datasheet HTML 255Page - ATMEL Corporation AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 365 page
background image
255
AT90PWM2/3
4317B–AVR–02/05
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in
the ADC Result Registers (ADCL, ADCH).
For single ended conversion, the result is:
where V
IN is the voltage on the selected input pin and VREF the selected voltage refer-
ence (see Table 100 on page 257 and Table 101 on page 257). 0x000 represents
analog ground, and 0x3FF represents the selected reference voltage.
If differential channels are used, the result is:
where V
POS is the voltage on the positive input pin, VNEG the voltage on the negative
input pin, GAIN the selected gain factor and V
REF the selected voltage reference. The
result is presented in two’s complement form, from 0x200 (-512d) through 0x1FF
(+511d). Note that if the user wants to perform a quick polarity check of the result, it is
sufficient to read the MSB of the result (ADC9 in ADCH). If the bit is one, the result is
negative, and if this bit is zero, the result is positive. Figure 128 shows the decoding of
the differential input range.
Table 82 shows the resulting output codes if the differential input channel pair (ADCn -
ADCm) is selected with a reference voltage of V
REF.
Figure 128. Differential Measurement Range
ADC
V
IN
1023
⋅
V
REF
--------------------------
=
ADC
V
POS
V
NEG
–
() GAIN 512
⋅⋅
V
REF
------------------------------------------------------------------------
=
0
Output Code
0x1FF
0x000
V
REF
Differential Input
Voltage (Volts)
0x3FF
0x200
- V
REF
/Gain
/Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com