Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 256 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 252Page - ATMEL Corporation AT90PWM2 Datasheet HTML 253Page - ATMEL Corporation AT90PWM2 Datasheet HTML 254Page - ATMEL Corporation AT90PWM2 Datasheet HTML 255Page - ATMEL Corporation AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 365 page
background image
256
AT90PWM2/3
4317B–AVR–02/05
Example 1:
–
ADMUX = 0xED (ADC3 - ADC2, 10x gain, 2.56V reference, left adjusted result)
–
Voltage on ADC3 is 300 mV, voltage on ADC2 is 500 mV.
–
ADCR = 512 * 10 * (300 - 500) / 2560 = -400 = 0x270
–
ADCL will thus read 0x00, and ADCH will read 0x9C.
Writing zero to ADLAR right adjusts the result: ADCL = 0x70, ADCH = 0x02.
Example 2:
–
ADMUX = 0xFB (ADC3 - ADC2, 1x gain, 2.56V reference, left adjusted result)
–
Voltage on ADC3 is 300 mV, voltage on ADC2 is 500 mV.
–
ADCR = 512 * 1 * (300 - 500) / 2560 = -41 = 0x029.
–
ADCL will thus read 0x40, and ADCH will read 0x0A.
Writing zero to ADLAR right adjusts the result: ADCL = 0x00, ADCH = 0x29.
Table 99. Correlation Between Input Voltage and Output Codes
V
ADCn
Read code
Corresponding decimal value
VADCm + VREF /GAIN
0x1FF
511
V
ADCm + 0.999 VREF /GAIN
0x1FF
511
V
ADCm + 0.998 VREF /GAIN
0x1FE
510
...
...
...
V
ADCm + 0.001 VREF /GAIN
0x001
1
V
ADCm
0x000
0
V
ADCm - 0.001 VREF /GAIN
0x3FF
-1
...
...
...
V
ADCm - 0.999 VREF /GAIN
0x201
-511
V
ADCm - VREF /GAIN
0x200
-512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com