Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 255Page - ATMEL Corporation AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 365 page
background image
259
AT90PWM2/3
4317B–AVR–02/05
Set this bit to activate the ADC end of conversion interrupt.
Clear it to disable the ADC end of conversion interrupt.
• Bit 2, 1, 0– ADPS2, ADPS1, ADPS0: ADC Prescaler Selection Bits
These 3 bits determine the division factor between the system clock frequency and input
clock of the ADC.
The different setting are shown in Table 102.
ADC Control and Status
Register B– ADCSRB
• Bit 7 – ADHSM: ADC High Speed Mode
Writing this bit to one enables the ADC High Speed mode. Set this bit if you wish to
convert with an ADC clock frequency higher than 200KHz.
• Bit 4– ADASCR: Analog to Digital Conversion on Amplified Channel Start
Conversion Request Bit
Set this to request a conversion on an amplified channel.
Cleared by hardware as soon as the Analog to Digital Conversion is started.
Alternatively, this bit can be cleared by writing it to logical zero.
• Bit 3, 2, 1, 0– ADTS3:ADTS0: ADC Auto Trigger Source Selection Bits
These bits are only necessary in case the ADC works in auto trigger mode. It means if
ADATE bit in ADCSRA register is set.
In accordance with the Table 103, these 3 bits select the interrupt event which will gen-
erate the trigger of the start of conversion. The start of conversion will be generated by
the rising edge of the selected interrupt flag whether the interrupt is enabled or not. In
case of trig on PSCnASY event, there is no flag. So in this case a conversion will start
each time the trig event appears and the previous conversion is completed..
Table 102. ADC Prescaler Selection
ADPS2
ADPS1
ADPS0
Division Factor
00
0
2
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
11
1
128
Bit
7
65
43
21
0
ADHSM
-
-
ADASCR
ADTS3
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 103. ADC Auto Trigger Source Selection
ADTS3
ADTS2
ADTS1
ADTS0
Description
0
0
0
0
Free Running Mode
0
0
0
1
Analog Comparator 0
0
0
1
0
External Interrupt Request 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com