Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 365 page
background image
261
AT90PWM2/3
4317B–AVR–02/05
• Bit 7:0 – ADC7D..ADC0D: ACMP2:1 and ADC7:0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is
disabled. The corresponding PIN Register bit will always read as zero when this bit is
set. When an analog signal is applied to the ADC7..0 pin and the digital input from this
pin is not needed, this bit should be written logic one to reduce power consumption in
the digital input buffer.
Digital Input Disable Register
1– DIDR1
• Bit 5:0 – ACMP0D, AMP0+D, AMP0-D, ADC10D..ADC8D: ACMP0, AMP1:0 and
ADC10:8 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is
disabled. The corresponding PIN Register bit will always read as zero when this bit is
set. When an analog signal is applied to an analog pin and the digital input from this pin
is not needed, this bit should be written logic one to reduce power consumption in the
digital input buffer.
Amplifier
The AT90PWM2/3 features two differential amplified channels with programmable 5, 10,
20, and 40 gain stage.
Because the amplifier is a switching capacitor amplifier, it needs to be clocked by a syn-
chronization signal called in this document the amplifier synchronization clock. To
ensure an accurate result, the amplifier input needs to have a quite stable input value
during at least 4 Amplifier synchronization clock periods.
Amplified conversions can be synchronized to PSC events (See “Synchronization
Source Description in One/Two/Four Ramp Modes” on page 168 and “Synchronization
Source Description in Centered Mode” on page 169) or to the internal clock CK
ADC equal
to eighth the ADC clock frequency. In case the synchronization is done the ADC clock
divided by 8, this synchronization is done automatically by the ADC interface in such a
way that the sample-and-hold occurs at a specific phase of CK
ADC2. A conversion initi-
ated by the user (i.e., all single conversions, and the first free running conversion) when
CK
ADC2 is low will take the same amount of time as a single ended conversion (13 ADC
clock cycles from the next prescaled clock cycle). A conversion initiated by the user
when CK
ADC2 is high will take 14 A DC clock c ycles due to the synchronization
mechanism.
The normal way to use the amplifier is to select a synchronization clock via the
AMPxMX3:0 bits in the AMPxCSR register. Then the amplifier can be switched on, and
the amplification is done on each synchronization event.
In order to start an amplified Analog to Digital Conversion on the amplified channel, the
ADMUX must be configured as specified on Table 101 on page 257.
The ADC starting requirement is done by setting the ADASCR (Analog to Digital Con-
version on Amplified Channel Start Conversion Request ) bit in the ADCSRB register.
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ACMPM
ADC2D
ACMP2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00
Bit
765
432
10
-
-
ACMP0D
AMP0PD
AMP0ND
ADC10D
ACMP1D
ADC9D
AMP1PD
ADC8D
AMP1ND
DIDR1
Read/Write
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com