Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 365 page
background image
264
AT90PWM2/3
4317B–AVR–02/05
Set this bit to enable the Amplifier 0.
Clear this bit to disable the Amplifier 0.
Clearing this bit while a conversion is running will take effect at the end of the
conversion.
• Bit 6– AMP0IS: Amplifier 0 Input Shunt
Set this bit to short-circuit the Amplifier 0 input.
Clear this bit to normally use the Amplifier 0.
• Bit 5, 4– AMP0G1, 0: Amplifier 0 Gain Selection Bits
These 2 bits determine the gain of the amplifier 0.
The different setting are shown in Table 104.
To ensure an accurate result, after the gain value has been changed, the amplifier input
needs to have a quite stable input value during at least 4 Amplifier synchronization clock
periods.
• Bit 1, 0– AMP0TS1, AMP0TS0: Amplifier 0 Trigger Source Selection Bits
In accordance with the Table 105, these 2 bits select the event which will generate the
trigger for the amplifier 0. This trigger source is necessary to start the conversion on the
amplified channel.
Amplifier 1Control and Status
register – AMP1CSR
• Bit 7 – AMP1EN: Amplifier 1 Enable Bit
Set this bit to enable the Amplifier 1.
Clear this bit to disable the Amplifier 1.
Clearing this bit while a conversion is running will take effect at the end of the
conversion.
• Bit 6– AMP1IS: Amplifier 1 Input Shunt
Set this bit to short-circuit the Amplifier 1 input.
Clear this bit to normally use the Amplifier 1.
Table 104. Amplifier 0 Gain Selection
REFS1
REFS0
Description
00
Gain 5
01
Gain 10
10
Gain 20
11
Gain 40
Table 105. AMP0 Auto Trigger Source Selection
AMP0TS1
AMP0TS0
Description
0
0
Auto synchronization on ADC Clock/8
0
1
Trig on PSC0_ASY
1
0
Trig on PSC1_ASY
1
1
Trig on PSC2_ASY
Bit
7
65
43
21
0
AMP1EN
AMP1IS
AMP1G1
AMP1G0
-
-
AMP1TS1
AMP1TS0
AMP1CSR
Read/Write
R/W
R/W
R/W
R/W
-
-
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com