Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 266 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 266 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 365 page
background image
266
AT90PWM2/3
4317B–AVR–02/05
Digital to Analog Converter - DAC
Features
• 10 bits resolution
• 8 bits linearity
• +/- 0.5 LSB accuracy between 100mV and AVcc-100mV
• Vout = DAC*Vref/1023
• The DAC could be connected to the negative inputs of the analog comparators and/or to
a dedicated output driver.
• The output impedance of the driver is lower than 1KOhms. So the driver is able to load a
1nF capacitance in parallel with a resistor higher than 33K with a time constant around
1us.
The AT90PWM2/3 features a 10-bit Digital to Analog Converter. This DAC can be used
for the analog comparators and/or can be output on the D2A pin of the microcontroller
via a dedicated driver.
The DAC has a separate analog supply voltage pin, AV
CC. AVCC must not differ more
than ± 0.3V from V
CC. See the paragraph “ADC Noise Canceler” on page 250 on how to
connect this pin.
The reference voltage is the same as the one used for the ADC, See “ADC Multiplexer
Register – ADMUX” on page 257.. These nominally 2.56V Vref or AV
CC are provided
On-chip. The voltage reference may be externally decoupled at the AREF pin by a
capacitor for better noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com