Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 270 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 270 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation AT90PWM2 Datasheet HTML 271Page - ATMEL Corporation AT90PWM2 Datasheet HTML 272Page - ATMEL Corporation AT90PWM2 Datasheet HTML 273Page - ATMEL Corporation AT90PWM2 Datasheet HTML 274Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 365 page
background image
270
AT90PWM2/3
4317B–AVR–02/05
Digital to Analog Converter
input Register – DACH and
DACL
DACH and DACL registers contain the value to be converted into analog voltage.
Writing the DACL register forbid the update of the input value until DACH has not been
written too. So the normal way to write a 10-bit value in the DAC register is firstly to write
DACL the DACH.
In order to work easily with only 8 bits, there is the possibility to left adjust the input
value. Like this it is sufficient to write DACH to update the DAC value.
DALA = 0
DALA = 1
To work with the 10-bit DAC, two registers have to be updated. In order to avoid inter-
mediate value, the DAC input values which are really converted into analog signal are
buffering into unreachable registers. In normal mode, the update of the shadow register
is done when the register DACH is written.
In case DAATE bit is set, the DAC input values will be updated on the trigger event
selected through DATS bits.
In order to avoid wrong DAC input values, the update can only be done after having writ-
ten respectively DACL and DACH registers. It is possible to work on 8-bit configuration
by only writing the DACH value. In this case, update is done each trigger event.
In case DAATE bit is cleared, the DAC is in an automatic update mode. Writing the
DACH register automatically update the DAC input values with the DACH and DACL
register values.
It means that whatever is the configuration of the DAATE bit, changing the DACL regis-
ter has no effect on the DAC output until the DACH register has also been updated. So,
to work with 10 bits, DACL must be written first before DACH. To work with 8-bit config-
uration, writing DACH allows the update of the DAC.
Bit
7
65
43
21
0
-
-
----
DAC9
DAC8
DACH
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
DACL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
0
0
0
0
00
00
Bit
7
65
43
21
0
DAC9
DAC8
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DACH
DAC1
DAC0
-
-
-
-
-
-
DACL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
0
0
0
0
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com