Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 273 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation AT90PWM2 Datasheet HTML 271Page - ATMEL Corporation AT90PWM2 Datasheet HTML 272Page - ATMEL Corporation AT90PWM2 Datasheet HTML 273Page - ATMEL Corporation AT90PWM2 Datasheet HTML 274Page - ATMEL Corporation AT90PWM2 Datasheet HTML 275Page - ATMEL Corporation AT90PWM2 Datasheet HTML 276Page - ATMEL Corporation AT90PWM2 Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 365 page
background image
273
AT90PWM2/3
4317B–AVR–02/05
Boot Loader Support
– Read-While-Write
Self-Programming
In AT90PWM2/3, the Boot Loader Support provides a real Read-While-Write Self-Pro-
gramming mechanism for downloading and uploading program code by the MCU itself.
This feature allows flexible application software updates controlled by the MCU using a
Flash-resident Boot Loader program. The Boot Loader program can use any available
data interface and associated protocol to read code and write (program) that code into
the Flash memory, or read the code from the program memory. The program code
within the Boot Loader section has the capability to write into the entire Flash, including
the Boot Loader memory. The Boot Loader can thus even modify itself, and it can also
erase itself from the code if the feature is not needed anymore. The size of the Boot
Loader memory is configurable with fuses and the Boot Loader has two separate sets of
Boot Lock bits which can be set independently. This gives the user a unique flexibility to
select different levels of protection.
Boot Loader Features
• Read-While-Write Self-Programming
• Flexible Boot Memory Size
• High Security (Separate Boot Lock Bits for a Flexible Protection)
• Separate Fuse to Select Reset Vector
• Optimized Page(1) Size
• Code Efficient Algorithm
• Efficient Read-Modify-Write Support
Note:
1. A page is a section in the Flash consisting of several bytes (see Table 127 on page
294) used during programming. The page organization does not affect normal
operation.
Application and Boot
Loader Flash Sections
The Flash memory is organized in two main sections, the Application section and the
Boot Loader section (see Figure 134). The size of the different sections is configured by
the BOOTSZ Fuses as shown in Table 114 on page 286 and Figure 134. These two
sections can have different level of protection since they have different sets of Lock bits.
Application Section
The Application section is the section of the Flash that is used for storing the application
code. The protection level for the Application section can be selected by the application
Boot Lock bits (Boot Lock bits 0), see Table 110 on page 277. The Application section
can never store any Boot Loader code since the SPM instruction is disabled when exe-
cuted from the Application section.
BLS – Boot Loader Section
While the Application section is used for storing the application code, the The Boot
Loader software must be located in the BLS since the SPM instruction can initiate a pro-
gramming when executing from the BLS only. The SPM instruction can access the
entire Flash, including the BLS itself. The protection level for the Boot Loader section
can be selected by the Boot Loader Lock bits (Boot Lock bits 1), see Table 111 on page
277.
Read-While-Write and No
Read-While-Write Flash
Sections
Whether the CPU supports Read-While-Write or if the CPU is halted during a Boot
Loader software update is dependent on which address that is being programmed. In
addition to the two sections that are configurable by the BOOTSZ Fuses as described
above, the Flash is also divided into two fixed sections, the Read-While-Write (RWW)
section and the No Read-While-Write (NRWW) section. The limit between the RWW-
and NRWW sections is given in Table 115 on page 286 and Figure 134 on page 276.
The main difference between the two sections is:
•
When erasing or writing a page located inside the RWW section, the NRWW section
can be read during the operation.
•
When erasing or writing a page located inside the NRWW section, the CPU is halted
during the entire operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com