Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 272 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 272 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation AT90PWM2 Datasheet HTML 271Page - ATMEL Corporation AT90PWM2 Datasheet HTML 272Page - ATMEL Corporation AT90PWM2 Datasheet HTML 273Page - ATMEL Corporation AT90PWM2 Datasheet HTML 274Page - ATMEL Corporation AT90PWM2 Datasheet HTML 275Page - ATMEL Corporation AT90PWM2 Datasheet HTML 276Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 365 page
background image
272
AT90PWM2/3
4317B–AVR–02/05
•
Capacitors connected to the RESET pin must be disconnected when using
debugWire.
•
All external reset sources must be disconnected.
Software Break Points
debugWIRE supports Program memory Break Points by the AVR Break instruction. Set-
ting a Break Point in AVR Studio
® will insert a BREAK instruction in the Program
memory. The instruction replaced by the BREAK instruction will be stored. When pro-
gram execution is continued, the stored instruction will be executed before continuing
from the Program memory. A break can be inserted manually by putting the BREAK
instruction in the program.
The Flash must be re-programmed each time a Break Point is changed. This is auto-
matically handled by AVR Studio through the debugWIRE interface. The use of Break
Points will therefore reduce the Flash Data retention. Devices used for debugging pur-
poses should not be shipped to end customers.
Limitations of
debugWIRE
The debugWIRE communication pin (dW) is physically located on the same pin as
External Reset (RESET). An External Reset source is therefore not supported when the
debugWIRE is enabled.
The debugWIRE system accurately emulates all I/O functions when running at full
speed, i.e., when the program in the CPU is running. When the CPU is stopped, care
must be taken while accessing some of the I/O Registers via the debugger (AVR
Studio).
A programmed DWEN Fuse enables some parts of the clock system to be running in all
sleep modes. This will increase the power consumption while in sleep. Thus, the DWEN
Fuse should be disabled when debugWire is not used.
debugWIRE Related
Register in I/O Memory
The following section describes the registers used with the debugWire.
debugWire Data Register –
DWDR
The DWDR Register provides a communication channel from the running program in
the MCU to the debugger. This register is only accessible by the debugWIRE and can
therefore not be used as a general purpose register in the normal operations.
Bit
765
432
10
DWDR[7:0]
DWDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com