Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 269 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation AT90PWM2 Datasheet HTML 270Page - ATMEL Corporation AT90PWM2 Datasheet HTML 271Page - ATMEL Corporation AT90PWM2 Datasheet HTML 272Page - ATMEL Corporation AT90PWM2 Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 365 page
background image
269
AT90PWM2/3
4317B–AVR–02/05
DAC Register Description
The DAC is controlled via three dedicated registers:
•
The DACON register which is used for DAC configuration
•
DACH and DACL which are used to set the value to be converted.
Digital to Analog Conversion
Control Register – DACON
• Bit 7 – DAATE: DAC Auto Trigger Enable bit
Set this bit to update the DAC input value on the positive edge of the trigger signal
selected with the DACTS2-0 bit in DACON register.
Clear it to automatically update the DAC input when a value is written on DACH register.
• Bit 6:4 – DATS2, DATS1, DATS0: DAC Trigger Selection bits
These bits are only necessary in case the DAC works in auto trigger mode. It means if
DAATE bit is set.
In accordance with the Table 108, these 3 bits select the interrupt event which will gen-
erate the update of the DAC input values. The update will be generated by the rising
edge of the selected interrupt flag whether the interrupt is enabled or not.
• Bit 2 – DALA: Digital to Analog Left Adjust
Set this bit to left adjust the DAC input data.
Clear it to right adjust the DAC input data.
The DALA bit affects the configuration of the DAC data registers. Changing this bit
affects the DAC output on the next DACH writing.
• Bit 1 – DAOE: Digital to Analog Output Enable bit
Set this bit to output the conversion result on AD2,
Clear it to use the DAC internally.
• Bit 0 – DAEN: Digital to Analog Enable bit
Set this bit to enable the DAC,
Clear it to disable the DAC.
Bit
7
65
43
21
0
DAATE
DATS2
DATS1
DATS0
-
DALA
DAOE
DAEN
DACON
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 108. DAC Auto Trigger source selection
DATS2
DATS1
DATS0
Description
0
0
0
Analog comparator 0
0
0
1
Analog comparator 1
0
1
0
External Interrupt Request 0
0
1
1
Timer/Counter0 Compare Match
1
0
0
Timer/Counter0 Overflow
1
0
1
Timer/Counter1 Compare Match B
1
1
0
Timer/Counter1 Overflow
1
1
1
Timer/Counter1 Capture Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com