Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 265 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 265 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation AT90PWM2 Datasheet HTML 267Page - ATMEL Corporation AT90PWM2 Datasheet HTML 268Page - ATMEL Corporation AT90PWM2 Datasheet HTML 269Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 365 page
background image
265
AT90PWM2/3
4317B–AVR–02/05
• Bit 5, 4– AMP1G1, 0: Amplifier 1 Gain Selection Bits
These 2 bits determine the gain of the amplifier 0.
The different setting are shown in Table 106.
To ensure an accurate result, after the gain value has been changed, the amplifier input
needs to have a quite stable input value during at least 4 Amplifier synchronization clock
periods.
• Bit 1, 0– AMP1TS1, AMP1TS0: Amplifier 1 Trigger Source Selection Bits
In accordance with the Table 107, these 2 bits select the event which will generate the
trigger for the amplifier 1. This trigger source is necessary to start the conversion on the
amplified channel.
Table 106. Amplifier 1 Gain Selection
REFS1
REFS0
Description
00
Gain 5
01
Gain 10
10
Gain 20
11
Gain 40
Table 107. AMP1 Auto Trigger source selection
AMP1TS1
AMP1TS0
Description
0
0
Auto synchronization on ADC Clock/8
0
1
Trig on PSC0_ASY
1
0
Trig on PSC1_ASY
1
1
Trig on PSC2_ASY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com