Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 293 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 293 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 289Page - Microchip Technology ATMEGA640 Datasheet HTML 290Page - Microchip Technology ATMEGA640 Datasheet HTML 291Page - Microchip Technology ATMEGA640 Datasheet HTML 292Page - Microchip Technology ATMEGA640 Datasheet HTML 293Page - Microchip Technology ATMEGA640 Datasheet HTML 294Page - Microchip Technology ATMEGA640 Datasheet HTML 295Page - Microchip Technology ATMEGA640 Datasheet HTML 296Page - Microchip Technology ATMEGA640 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 436 page
background image
293
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
execution of Assembly programs assembled with Microchip’s AVR MCU Assembler and C programs compiled with
third party vendors’ compilers.
AVR Studio runs under Microsoft® Windows® 95/98/2000 and Microsoft Windows NT.
For a full description of the AVR Studio, refer to the AVR Studio User Guide. Only highlights are presented in this
document.
All necessary execution commands are available in AVR Studio, both on source level and on disassembly level.
The user can execute the program, single step through the code either by tracing into or stepping over functions,
step out of functions, place the cursor on a statement and execute until the statement is reached, stop the execu-
tion, and reset the execution target. In addition, the user can have an unlimited number of code Break Points (using
the BREAK instruction) and up to two data memory Break Points, alternatively combined as a mask (range) Break
Point.
27.6 On-chip Debug Specific JTAG Instructions
The On-chip debug support is considered being private JTAG instructions, and distributed within Microchip and to
selected third party vendors only. Instruction opcodes are listed for reference.
27.6.1
PRIVATE0; 0x8
Private JTAG instruction for accessing On-chip debug system.
27.6.2
PRIVATE1; 0x9
Private JTAG instruction for accessing On-chip debug system.
27.6.3
PRIVATE2; 0xA
Private JTAG instruction for accessing On-chip debug system.
27.6.4
PRIVATE3; 0xB
Private JTAG instruction for accessing On-chip debug system.
27.7 Using the JTAG Programming Capabilities
Programming of AVR parts via JTAG is performed via the 4-pin JTAG port, TCK, TMS, TDI, and TDO. These are
the only pins that need to be controlled/observed to perform JTAG programming (in addition to power pins). It is not
required to apply 12V externally. The JTAGEN Fuse must be programmed and the JTD bit in the MCUCR Register
must be cleared to enable the JTAG Test Access Port.
The JTAG programming capability supports:
•
Flash programming and verifying
•
EEPROM programming and verifying
•
Fuse programming and verifying
•
Lock bit programming and verifying
The Lock bit security is exactly as in parallel programming mode. If the Lock bits LB1 or LB2 are programmed, the
OCDEN Fuse cannot be programmed unless first doing a chip erase. This is a security feature that ensures no
back-door exists for reading out the content of a secured device.
The details on programming through the JTAG interface and programming specific JTAG instructions are given in
the section “Programming via the JTAG Interface” on page 342.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com