Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 294 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 294 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 290Page - Microchip Technology ATMEGA640 Datasheet HTML 291Page - Microchip Technology ATMEGA640 Datasheet HTML 292Page - Microchip Technology ATMEGA640 Datasheet HTML 293Page - Microchip Technology ATMEGA640 Datasheet HTML 294Page - Microchip Technology ATMEGA640 Datasheet HTML 295Page - Microchip Technology ATMEGA640 Datasheet HTML 296Page - Microchip Technology ATMEGA640 Datasheet HTML 297Page - Microchip Technology ATMEGA640 Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 436 page
background image
294
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
27.8 Bibliography
For more information about general Boundary-scan, the following literature can be consulted:
•
IEEE: IEEE Std. 1149.1-1990. IEEE Standard Test Access Port and Boundary-scan Architecture, IEEE, 1993
•
Colin Maunder: The Board Designers Guide to Testable Logic Circuits, Addison-Wesley, 1992
27.9 On-chip Debug Related Register in I/O Memory
27.9.1
OCDR – On-chip Debug Register
The OCDR Register provides a communication channel from the running program in the microcontroller to the
debugger. The CPU can transfer a byte to the debugger by writing to this location. At the same time, an internal
flag; I/O Debug Register Dirty – IDRD – is set to indicate to the debugger that the register has been written. When
the CPU reads the OCDR Register the 7 LSB will be from the OCDR Register, while the MSB is the IDRD bit. The
debugger clears the IDRD bit when it has read the information.
In some AVR devices, this register is shared with a standard I/O location. In this case, the OCDR Register can only
be accessed if the OCDEN Fuse is programmed, and the debugger enables access to the OCDR Register. In all
other cases, the standard I/O location is accessed.
Refer to the debugger documentation for further information on how to use this register.
Bit
7654
3210
0x31 (0x51)
MSB/IDRD
LSB
OCDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com