Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 296 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 296 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 292Page - Microchip Technology ATMEGA640 Datasheet HTML 293Page - Microchip Technology ATMEGA640 Datasheet HTML 294Page - Microchip Technology ATMEGA640 Datasheet HTML 295Page - Microchip Technology ATMEGA640 Datasheet HTML 296Page - Microchip Technology ATMEGA640 Datasheet HTML 297Page - Microchip Technology ATMEGA640 Datasheet HTML 298Page - Microchip Technology ATMEGA640 Datasheet HTML 299Page - Microchip Technology ATMEGA640 Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 436 page
background image
296
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
28.3.1
Bypass Register
The Bypass Register consists of a single Shift Register stage. When the Bypass Register is selected as path
between TDI and TDO, the register is reset to 0 when leaving the Capture-DR controller state. The Bypass Regis-
ter can be used to shorten the scan chain on a system when the other devices are to be tested.
28.3.2
Device Identification Register
Figure 28-1 shows the structure of the Device Identification Register.
Figure 28-1. The Format of the Device Identification Register
28.3.2.1
Version
Version is a 4-bit number identifying the revision of the component. The JTAG version number follows the revision
of the device. Revision A is 0x0, revision B is 0x1 and so on.
28.3.2.2
Part Number
The part number is a 16-bit code identifying the component. The JTAG Part Number for ATme-
ga640/1280/1281/2560/2561 is listed in Table 30-6 on page 328.
28.3.2.3
Manufacturer ID
The Manufacturer ID is a 11-bit code identifying the manufacturer. The JTAG manufacturer ID for ATMEL is listed
in Table 30-6 on page 328.
28.3.3
Reset Register
The Reset Register is a test Data Register used to reset the part. Since the AVR tri-states Port Pins when reset,
the Reset Register can also replace the function of the un-implemented optional JTAG instruction HIGHZ.
A high value in the Reset Register corresponds to pulling the external Reset low. The part is reset as long as there
is a high value present in the Reset Register. Depending on the fuse settings for the clock options, the part will
remain reset for a reset time-out period (see “Clock Sources” on page 40) after releasing the Reset Register. The
output from this Data Register is not latched, so the reset will take place immediately, as shown in Figure 28-2 on
page 297.
MSB
LSB
Bit
31
28
27
12
11
1
0
Device ID
Version
Part Number
Manufacturer ID
1
4 bits
16 bits
11 bits
1-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com