Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 14Page - NXP Semiconductors MC56F81663 Datasheet HTML 15Page - NXP Semiconductors MC56F81663 Datasheet HTML 16Page - NXP Semiconductors MC56F81663 Datasheet HTML 17Page - NXP Semiconductors MC56F81663 Datasheet HTML 18Page - NXP Semiconductors MC56F81663 Datasheet HTML 19Page - NXP Semiconductors MC56F81663 Datasheet HTML 20Page - NXP Semiconductors MC56F81663 Datasheet HTML 21Page - NXP Semiconductors MC56F81663 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
When used as an analog input, the signal goes to
ANA6 and CMPD_IN2.1
GPIOA7
9
—
—
Input
Input/
Output
GPIO Port A7 — After reset, the default state is
GPIOA7.
(ANA7
&
CMPD_IN3)
Input
ANA7 — ADCA input channel 7.
CMPD_IN3 — Analog comparator D input 3.
When used as an analog input, the signal goes to
ANA7 and CMPD_IN3.1
GPIOB0
24
17
11
Input
Input/
Output
GPIO Port B0 — After reset, the default state is
GPIOB0.
(ANB0
&
CMPB_IN3
&
OPAMPB_IN3)
Input
ANB0 — ADCB input channel 0.
CMPB_IN3 — Analog comparator B input 3.
OPAMPB_IN3 — Operational amplifier B input 3.
When used as an analog input, the signal goes to
ANB0 and CMPB_IN3 and OPAMPB_IN3.1
GPIOB1
25
18
12
Input
Input/
Output
GPIO Port B1 — After reset, the default state is
GPIOB1.
(ANB1
&
CMPB_IN0
&
OPAMPB_IN0)
Input
ANB1 — ADCB input channel 1.
CMPB_IN0 —Analog comparator B input 0.
OPAMPB_IN0 — Operational amplifier B input 0.
When used as an analog input, the signal goes to
ANB1 and CMPB_IN0 and OPAMPB_IN0.1
GPIOB2
27
20
13
Input
Input/
Output
GPIO Port B2 — After reset, the default state is
GPIOB2.
(ANB2
&
VREFHB
&
CMPC_IN3)
Input
ANB2 — ADCB input channel 2.
VREFHB — ADCB analog reference high.
CMPC_IN3 — Analog comparator C input 3.
When used as an analog input, the signal goes to
ANB2 (or VREFHB) and CMPC_IN3.1
NOTE: ADC input can be configured as either ANB2
or VREFHB in the ADC Calibration Register.
GPIOB3
28
21
—
Input
Input/
Output
GPIO Port B3 — After reset, the default state is
GPIOB3.
(ANB3
&
VREFLB
&
CMPC_IN0)
Input
ANB3 — ADCB input channel 3.
VREFLB — ADCB analog reference low.
CMPC_IN0 _ Analog comparator C input 0.
When used as an analog input, the signal goes to
ANB3 (or VREFHB) and CMPC_IN0.1
NOTE: ADC input can be configured as either ANB3
or VREFLB in the ADC Calibration Register.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com