Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 45Page - NXP Semiconductors MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors MC56F81663 Datasheet HTML 49Page - NXP Semiconductors MC56F81663 Datasheet HTML 50Page - NXP Semiconductors MC56F81663 Datasheet HTML 51Page - NXP Semiconductors MC56F81663 Datasheet HTML 52Page - NXP Semiconductors MC56F81663 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Peripheral operating requirements and behaviors
11.1 Core modules
11.1.1 JTAG timing
Table 17. JTAG timing
Characteristic
Symbol
Min
Max
Unit
See
Figure
TCK frequency of operation
fOP
DC
SYS_CLK/ 8
MHz
Figure 7
TCK clock pulse width
tPW
50
ns
Figure 7
TMS, TDI data set-up time
tDS
5
ns
Figure 8
TMS, TDI data hold time
tDH
5
ns
Figure 8
TCK low to TDO data valid
tDV
30
ns
Figure 8
TCK low to TDO tri-state
tTS
30
ns
Figure 8
TCK
(Input)
VM
VIL
VM = VIL + (VIH – VIL)/2
tPW
1/fOP
tPW
VM
VIH
Figure 7. Test clock input timing diagram
Input Data Valid
Output Data Valid
tDS
tDH
tDV
tTS
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TMS
Figure 8. Test access port timing diagram
11
Peripheral operating requirements and behaviors
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com