| Electronic Components Datasheet Search |
|
MC56F81663 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MC56F81663 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 73 page ![]() • Write-once protection for all registers • The EVTG module mainly includes two parts: Two AND/OR/INVERT (known simply as the AOI) modules and one configurable Flip-Flop. It supports the generation of a configurable number of EVENT signals. The inputs are from crossbar (XBAR) outputs, and the outputs feed to XBAR inputs. 1.5.9 Quad Timer • Four 16-bit up/down counters, with a programmable prescaler for each counter • Operation modes: edge count, gated count, signed count, capture, compare, PWM, signal shot, single pulse, pulse string, cascaded, quadrature decode • Programmable input filter • Counting start can be synchronized across counters 1.5.10 Queued Serial Communications Interface (QSCI) modules with LIN Slave Functionality • Operating clock can be up to two times the CPU operating frequency • Four-word-deep FIFOs available on both transmit and receive buffers • Standard mark/space non-return-to-zero (NRZ) format • 16-bit integer and 3-bit fractional baud rate selection • Full-duplex or single-wire operation • Programmable 8-bit or 9-bit data format • Error detection capability • Two receiver wakeup methods: • Idle line • Address mark • 1/16 bit-time noise detection • Support for Local Interconnect Network (LIN) slave operation 1.5.11 Queued Serial Peripheral Interface (QSPI) modules • Maximum 25 Mbit/s baud rate • Selectable baud rate clock sources for low baud rate communication • Baud rate as low as the maximum Baud rate / 4096 • Full-duplex operation • Master and slave modes • Double-buffered operation with separate transmit and receive registers • Four-word-deep FIFOs available on transmit and receive buffers Peripheral highlights MC56F81xxx, Rev. 1.1, 12/2020 NXP Semiconductors 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |