Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 59Page - NXP Semiconductors MC56F81663 Datasheet HTML 60Page - NXP Semiconductors MC56F81663 Datasheet HTML 61Page - NXP Semiconductors MC56F81663 Datasheet HTML 62Page - NXP Semiconductors MC56F81663 Datasheet HTML 63Page - NXP Semiconductors MC56F81663 Datasheet HTML 64Page - NXP Semiconductors MC56F81663 Datasheet HTML 65Page - NXP Semiconductors MC56F81663 Datasheet HTML 66Page - NXP Semiconductors MC56F81663 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Table 35. SPI timing (continued)
Characteristic
Symbol
Min
Max
Unit
See Figure
Master
Slave
60
ns
Figure 17
Figure 18
Figure 19
Enable lead time
Master
Slave
tELD
20
ns
ns
Figure 19
Enable lag time
Master
Slave
tELG
20
ns
ns
Figure 19
Clock (SCK) high time
Master
Slave
tCH
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Clock (SCK) low time
Master
Slave
tCL
28
28
ns
ns
Figure 19
Data set-up time required for inputs
Master
Slave
tDS
20
1
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Data hold time required for inputs
Master
Slave
tDH
1
3
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Access time (time to data active
from high-impedance state)
Slave
tA
5
ns
Figure 19
Disable time (hold time to high-
impedance state)
Slave
tD
5
ns
Figure 19
Data valid for outputs
Master
Slave (after enable edge)
tDV
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Data invalid
Master
Slave
tDI
0
0
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Rise time
tR
Figure 16
Table continues on the next page...
PWMs and timers
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com