Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F81663 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 43Page - NXP Semiconductors MC56F81663 Datasheet HTML 44Page - NXP Semiconductors MC56F81663 Datasheet HTML 45Page - NXP Semiconductors MC56F81663 Datasheet HTML 46Page - NXP Semiconductors MC56F81663 Datasheet HTML 47Page - NXP Semiconductors MC56F81663 Datasheet HTML 48Page - NXP Semiconductors MC56F81663 Datasheet HTML 49Page - NXP Semiconductors MC56F81663 Datasheet HTML 50Page - NXP Semiconductors MC56F81663 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
10.3.7 Capacitance attributes
Table 13. Capacitance attributes
Description
Symbol
Min.
Typ.
Max.
Unit
Input capacitance
CIN
10
pF
Output capacitance
COUT
10
pF
10.4 Switching specifications
10.4.1 Device clock specifications
Table 14. Device clock specifications
Symbol
Description
Min.
Max.
Unit
Notes
Normal run mode
fSYSCLK
Device (system and core) clock frequency
• using relaxation oscillator
• using external clock source
0.001
0
100
100
MHz
fBUS
Bus clock
50
MHz
10.4.2 General switching specifications
These general-purpose specifications apply to all signals configured for GPIO signals.
Table 15. General switching specifications
Description
Min.
Max.
Unit
Notes
GPIO pin interrupt pulse width (digital glitch filter disabled) —
Synchronous path
1.5
Bus clock
cycles
1
External RESET and NMI pin interrupt pulse width —
Asynchronous path
100
ns
2
GPIO pin interrupt pulse width — Asynchronous path
16
ns
2
Port rise and fall time
36
ns
3
1. The synchronous and asynchronous timing must be met.
2. This is the shortest pulse that is guaranteed to be recognized.
3. 75 pF load
10.5 Thermal specifications
General
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com