| Electronic Components Datasheet Search |
|
LP87702 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP87702 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 98 page ![]() Table 7-6. PGx Operation STATUS / USE CASE CONDITION PGx SIGNAL(1) (2) GATED MODE PGx_MODE = 0 CONTINUOUS MODE PGx_MODE = 1 Device start-up Until device state is STANDBY Low Low Converter not selected for PGx monitoring EN_PGOOD_x = 0 OK OK Converter selected for PGx monitoring and disabled by host BUCKx_EN / BOOST_EN = 0 OR (Pin ctrl AND EN = 0) OK OK Converter start-up delay ongoing EN = 1 OK NOK Converter start-up until valid output voltage reached Valid output voltage reached in 800 µs OK NOK Converter start-up until valid output voltage reached Valid output voltage not reached at 800 µs NOK NOK Output voltage within window limits after start-up Must be inside limits longer than debounce time OK OK Output voltage spikes (over/ undervoltage) If spikes are outside voltage monitoring threshold(s) longer than debounce time NOK NOK Voltage setting change, output voltage ramp OK (if new voltage reached in 800 µs) NOK after 800 µs (if new voltage not reached at 800 µs) NOK Output voltage within window limits after voltage change Must be inside limits longer than debounce time OK OK Converter shutdown delay ongoing OK OK Buck converter disabled by host, slew-rate controlled ramp down ongoing OK OK Converter disabled by host, pulldown resistor active (if selected) OK OK Converter short-circuit interrupt pending (converter selected for PGx monitoring) Faulty converter disabled by short- circuit detection BUCKx_SC_INT / BOOST_SC_INT = 1 NOK NOK Thermal shutdown interrupt pending Converters disabled by thermal shutdown detection TDIE_SD_INT = 1 NOK NOK Input (VANA) overvoltage interrupt pending Converters disabled by overvoltage detection OVP_INT = 1 NOK NOK Supply voltage below VANAUVLO Low Low (1) NOK (Not OK) means faulty situation. PGx pin is inactive if at least one NOK situation is detected. (2) PGx pin is generated from PG_FAULT register bits and INT_TOP_1 register bits TDIE_SD_INT, OVP_INT and INT_TOP_2(RESET_REG_INT) bit. 7.3.10.4 Warning Interrupts for System Level Diagnostics 7.3.10.4.1 Output Power Limit The buck converters have programmable output peak current limits. The limits are individually programmed for both converters with BUCKx_ILIM[2:0] bits. If the load current is increased so that the current limit is triggered, the converter continues to regulate to the limit current level (current peak regulation). The voltage may decrease if the load current is higher than limit current. If the current regulation continues for 20 µs, the LP87702 device sets the BUCKx_ILIM_INT bit and pulls the nINT pin low. The host processor can read the BUCKx_ILIM_STAT www.ti.com LP87702 SNVSBU3 – MARCH 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 35 Product Folder Links: LP87702 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |