| Electronic Components Datasheet Search |
|
LP87702 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP87702 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 98 page ![]() SCL SDA tLOW trCL tHD;DAT tHIGH tfCL tSU;DAT tSU;STA tSU;STO START REPEATED START STOP tHD;STA START tSP trDA tBUF tfDA tHD;STA S RS P S Figure 7-17. I2C-Compatible Timing 7.5.1.3 Transferring Data Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first. Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LP87702 pulls down the SDA line during the 9th clock pulse, signifying an acknowledge. The LP87702 generates an acknowledge after each byte has been received. There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must indicate to the transmitter an end of data by not acknowledging (negative acknowledge) the last byte clocked out of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master), but the SDA line is not pulled down. Note If the V(VANA) voltage is below the VANAUVLO threshold level during I2C communication, the LP87702 device does not drive the SDA line. The ACK signal and data transfer to the master is disabled at that time. The bus master sends a chip address after the START condition. This address is seven bits long followed by an eighth bit which is a data direction bit (READ or WRITE). A 0 indicates a WRITE and a 1 indicates a READ for the eighth bit. The second byte selects the register to which the data is written. The third byte contains data to write to the selected register. START MSB Chip Address LSB ACK from slave ACK from slave ACK from slave SCL SDA START id = 0x60 W ACK address = 0x40 ACK ACK address 0x40 data STOP W ACK MSB Register Address LSB ACK MSB Data LSB ACK STOP Figure 7-18. Write Cycle (w = write; SDA = 0), id = Device Address = 60Hex for LP87702 LP87702 SNVSBU3 – MARCH 2021 www.ti.com 42 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LP87702 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |