Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 3Page - Texas Instruments LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Limits apply over the junction temperature range –40°C ≤ TJ ≤ 140°C, specified VVANA, VVIN_Bx, VVOUT_Bx, VVOUT_BST, and
IOUT range, unless otherwise noted. Typical values are at TA = 25°C, VVANA = VVIN_Bx = 3.3 V, VOUT_BST = 5 V and VOUT_Bx =
1 V, unless otherwise noted. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum voltage
difference between
V(VIN_Bx) and VOUT_Bx for
electrical characteristics
V(VIN_Bx) – VOUT, IOUT_Bx ≤ 2 A
0.8
V
V(VIN_Bx) – VOUT, IOUT_Bx > 2 A
1
DC output voltage
accuracy, includes
voltage reference, DC
load and line regulations,
process and temperature
Force PWM mode, VOUT ˂ 1.0 V
–20
20
mV
Force PWM mode, VOUT ≥ 1.0 V
–2%
2%
PFM mode, VOUT ˂ 1.0 V, the average output
voltage level is increased by max. 20 mV
–20
40
mV
PFM mode, VOUT ≥ 1.0 V, the average output
voltage level is increased by max. 20 mV
–2%
2% + 20mV
Ripple voltage
PWM mode, VOUT = 1.2 V, fSW = 4 MHz,
COUT = 22 + 22 µF (GCM31CR71A226KE02)
5
mVp-p
PFM mode, L = 0.47 µH, COUT = 22 + 22 µF
(GCM31CR71A226KE02)
25
DCLNR
DC line regulation
IOUT = IOUT(max)
±0.05
%/V
DCLDR
DC load regulation in
PWM mode
VOUT_Bx = 1.0 V, IOUT from 0 to IOUT(max)
0.3%
TLDSR
Transient load step
response
IOUT = 0 A to 3 A, TR = TF = 1 µs, PWM
mode, VVIN_Bx = 3.3V, VOUT_Bx = 1.2 V, COUT
= 22 + 22 µF, L = 0.47 µH, fSW = 4 MHz
±65
mV
TLNSR
Transient line response
V(VIN_Bx) stepping 3 V ↔ 3.5 V, TR = TF = 10
µs, IOUT = IOUT(max)
±20
mV
ILIM FWD
Forward current limit for
both bucks (peak for
every switching cycle)
Programmable range
1.5
4.5
A
Step size
0.5
Accuracy, V(VIN_Bx) ≥ 3 V, ILIM = 4 A
–5%
7.5%
20%
Accuracy, 2.8 V ≤ V(VIN_Bx) < 3 V, ILIM = 4 A
–20%
7.5%
20%
ILIM NEG
Negative current limit
1.6
2
3
A
RDS(ON)
BUCK HS
FET
On-resistance, high-side
FET
Each phase, between VIN_Bx and SW_Bx
pins (I = 1.0 A)
60
110
RDS(ON)
BUCK LS
FET
On-resistance, low-side
FET
Each phase, between SW_Bx and PGND_Bx
pins (I = 1.0 A)
55
80
ƒSW
Switching frequency,
PWM mode
OTP programmable
2-MHz setting or VOUT_Bx < 0.8 V
1.8
2
2.2
MHz
3-MHz setting and VOUT_Bx ≥ 0.8 V
2.7
3
3.3
4-MHz setting and VOUT_Bx ≥ 1.1 V
3.6
4
4.4
Start-up time (soft start)
From ENx to VOUT_Bx = 0.35 V (slew-rate
control begins)
120
µs
Overshoot during start-up
50
mV
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 010, VVOUT_Bx ≥ 0.7 V
–15%
10
15% mV/µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 011, VVOUT_Bx ≥ 0.7 V
–15%
7.5
15% mV/µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 100, VVOUT_Bx ≥ 0.7 V
–15%
3.8
15% mV/µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 101, VVOUT_Bx ≥ 0.7 V
–15%
1.9
15% mV/µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 110, VVOUT_Bx ≥ 0.7 V
–15%
0.94
15% mV/µs
Output voltage slew-
rate(4)
SLEW_RATEx[2:0] = 111, VVOUT_Bx ≥ 0.7 V
–15%
0.47
15% mV/µs
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com