Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments LP87702 Datasheet HTML 13Page - Texas Instruments LP87702 Datasheet HTML 14Page - Texas Instruments LP87702 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Limits apply over the junction temperature range –40°C ≤ TJ ≤ 140°C, specified VVANA, VVIN_Bx, VVOUT_Bx, VVOUT_BST, and
IOUT range, unless otherwise noted. Typical values are at TA = 25°C, VVANA = VVIN_Bx = 3.3 V, VOUT_BST = 5 V and VOUT_Bx =
1 V, unless otherwise noted. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT SIGNALS SCL, SDA, NRST, EN1, EN2, EN3, CLKIN,
WDI
VIL
Input low level
0.4
V
VIH
Input high level
1.2
VHYS
Hysteresis of Schmitt
Trigger inputs
10
80
200
mV
ENx, CLKIN, WDI pull-
down resistance
ENx_PD = 1, CLKIN_PD = 1, WDI_PD = 1
500
NRST pull-down
resistance
Always enabled
500
DIGITAL OUTPUT SIGNALS nINT, SDA
VOL
Output low level
SDA: ISOURCE = 20 mA
0.5
V
nINT: ISOURCE = 2 mA
0.4
RP
External pull-up resistor
for nINT
To VIO Supply
10
kΩ
DIGITAL OUTPUT SIGNALS PGOOD, PG1, GPO0, GPO1, GPO2,
WD_RESET
VOL
Output low level
ISOURCE = 2 mA
0.4
V
VOH
Output high level,
configured to push-pull
ISINK = 2 mA
VVANA - 0.4
VVANA
VPU
Supply voltage for
external pull-up resistor,
configured to open-drain
VVANA
RPU
External pull-up resistor,
configured to open-drain
10
kΩ
ALL DIGITAL INPUTS
ILEAK
Input current
All logic inputs except NRST, over pin voltage
range, when PD not enabled
−1
1
µA
NRST, over pin voltage range. Other logic
inputs when PD enabled.
–1
20
µA
(1)
All voltage values are with respect to network ground.
(2)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis.
(3)
The maximum output current can be limited by the forward current limit ILIM FWD. The maximum output current is also limited by
the junction temperature and maximum average current over lifetime. The power dissipation inside the die increases the junction
temperature and limits the maximum current depending of the length of the current pulse, efficiency, board and ambient temperature.
(4)
The slew-rate can be limited by the current limit (forward or negative current limit), output capacitance and load current. Applies when
internal oscillator is used.
(5)
The final PFM-to-PWM and PWM-to-PFM switchover current varies slightly and is dependant on the output voltage, input voltage and
the inductor current level.
(6)
The external clock frequency must be selected so that buck switching frequency is above 1.7 MHz.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com