Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 4Page - Texas Instruments LP87702 Datasheet HTML 5Page - Texas Instruments LP87702 Datasheet HTML 6Page - Texas Instruments LP87702 Datasheet HTML 7Page - Texas Instruments LP87702 Datasheet HTML 8Page - Texas Instruments LP87702 Datasheet HTML 9Page - Texas Instruments LP87702 Datasheet HTML 10Page - Texas Instruments LP87702 Datasheet HTML 11Page - Texas Instruments LP87702 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
Limits apply over the junction temperature range –40°C ≤ TJ ≤ 140°C, specified VVANA, VVIN_Bx, VVOUT_Bx, VVOUT_BST, and
IOUT range, unless otherwise noted. Typical values are at TA = 25°C, VVANA = VVIN_Bx = 3.3 V, VOUT_BST = 5 V and VOUT_Bx =
1 V, unless otherwise noted. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPFM-PWM
PFM-to-PWM switch -
current threshold(5)
520
mA
IPWM-PFM
PWM-to-PFM switch -
current threshold(5)
240
mA
Output pull-down
resistance
Converter disabled
75
125
175
Ω
BOOST CONVERTER
VIN_BST
Input voltage range for
boost power inputs
2.8
3.3
4
V
Input voltage range when
bypass switch mode
selected
4.5
5.5
V
VOUT_BST
Output voltage, boost
mode
BOOST_VSET = 00
4.9
V
BOOST_VSET = 01
5.0
BOOST_VSET = 10
5.1
BOOST_VSET = 11
5.2
IOUT_BST
Output current
Both boost and bypass mode
0.6
A
ILIM_BST
Output current limit
BOOST_ILIM = 00, VIN_BST < 3.6 V
0.8
1
1.3
A
BOOST_ILIM = 01, VIN_BST < 3.6 V
1.1
1.4
1.9
BOOST_ILIM = 10, VIN_BST < 3.6 V
1.5
1.9
2.3
BOOST_ILIM = 11, VIN_BST < 3.6 V
2.2
2.8
3.4
VOUT_BST
_DC
DC output voltage
accuracy, includes
voltage reference, DC
load and line regulations,
process and temperature.
Boost mode
Default output voltage
–3%
3%
VDROP
Voltage drop, bypass
mode,
Iout = 250 mA
83
mV
Ripple voltage, boost
mode
22 µF effective output capacitance
20
mVp-p
DCLDR
DC load regulation, boost
mode
IOUT = 1 mA to IOUT(max)
0.3%
TLDSR
Transient load step
response, boost mode
IOUT = 1 mA to 250 mA, TR = TF = 1 µs, 22
µF effective output capacitance, VIN > 3 V
–220
220
mV
ISHORT
Short circuit current
limitation
During start-up, both boost and bypass
mode. Short circuit current limit applies until
VOUT_BST = VIN_BST
625
mA
RDS(ON)
BST HS FET
On-resistance, high-side
FET
Pin-to-pin, between SW_BST and
VOUT_BST pins (I = 250 mA)
145
220
RDS(ON)
BST LS FET
On-resistance, low-side
FET
Pin-to-pin, between SW_BST and
PGND_BST pins (I = 250 mA)
90
175
ƒSW
Switching frequency,
boost mode
2-MHz setting
1.8
2
2.2
MHz
4-MHz setting
3.6
4
4.4
MHz
Start-up time, boost mode
From enable to boost VOUT within 3% of
target value. COUT_BST = 22 µF
450
µs
Output pull-down
resistance
Converter disabled
135
Ω
EXTERNAL CLOCK AND PLL
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com