| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 31 of 88 Write Protection Commands (class 6) CMD index Type Argument Resp Abbreviation Command description CMD28 ac [31:0] data address R1b SET_WRITE_PROT if the card has write protection features, this command sets the write protection bit of the addressed group. The properties of write protection are coded in the card specific data (WP_GRP_SIZE). CMD29 ac [31:0] data address R1b CLR_WRITE_PROT if the card provides write protection features, this command clears the write protection bit of the addressed group. CMD30 adtc [31:0] write protect data address R1 SEND_WRITE_PR OT if the card provides write protection features, this command asks the card to send the status of the write protection bits.* 1 Note: 1. 32 write protection bits (representing 32 write protect groups starting at the specified address) followed by 16 CRC bits are transferred in a payload format via the data line. The last (least significant) bit of the protection bits corresponds to the first addressed group. If the addresses of the last groups are outside the valid range, then the corresponding write protection bits shall be set to zero. Lock Card Command (class 7) CMD index Type Argument Resp Abbreviation Command description CMD42 adtc [31:0] stuff bits R1b LOCK_UNLOCK used to set/reset the password or lock/unlock the card. The size of the data block is set by the SET_BLOCK_LEN command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |