Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28D032MM2 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 80Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 83Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 84Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 85Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 86Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 87Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 82 of 88
Operating Characteristics
The operating characteristics are parameters measured in a MultiMediaCard system assuming the
recommended operating conditions (refer to Chapter “Recommended Operating Conditions”).
Parameter
Symbol
Min
Typ
Max
Unit Remark
High speed supply
current
HB28H016MM2
60
mA
at 20 MHz, 3.6 V
HB28D032MM2
60
mA
HB28B064MM2
60
mA
HB28B128MM2
80
mA
Minimal supply
current
HB28H016MM2
100
µA
at 0 Hz, 3.6 V stby
state
HB28D032MM2
100
µA
HB28B064MM2
100
µA
HB28B128MM2
150
µA
Typical supply
current
Single Block Read
20
mA
at 20 MHz, 3.0 V
25ºC
Single Block Write
35
mA
at 20 MHz, 3.0 V
25ºC
All digital inputs
(Including I/O
current)
Input leakage current
–10
10
µA
All outputs
High-level output
voltage
V
OH
0.75V
CC
V
at min I
OH
Low-level output
voltage
V
OL
0.125
V
CC
V
at max I
OL
Inputs: CMD, DAT
(Referred to CLK),
DI (Referred to
SCLK), CS
Input set-up time
t
ISU
3
ns
Input hold time
t
IH
3
ns
Outputs: CMD,
DAT (Referred to
CLK), DO
(Referred to
SCLK)
Output set-up time
t
OSU
5
ns
Output hold time
t
OH
5
ns
at t
LH = 10 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com