Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28D032MM2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 5Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 6Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 12Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 7 of 88
SPI Interface Pin Configuration
MuitiMediaCard
SPI
Pin No.
Name
Type*
1
Description
Name
Type
Description
1
RSV
NC
Reserved for future use CS
I
Chip select (neg true)
2
CMD
I/O/PP/OD
Command/Response
DI
I
Data in
3
V
SS1
S
Ground
V
SS
S
Ground
4
V
CC
S
Power supply
V
CC
S
Power supply
5
CLK
I
Clock
SCLK
I
Clock
6
V
SS2
S
Ground
V
SS2
S
Ground
7
DAT
I/O/PP
Data
DO
O/PP
Data out
Note:
1. S: power supply; I: input; O: output; PP: push-pull; OD: open-drain; NC: No connection or V
IH
Registers
These Hitachi MultiMediaCards contain the following information registers:
Name
Width
Type
Description
OCR
32
Programmed by the
manufacturer.
Read only for user
Supported voltage range, card power up status bit
CID
128
Programmed by the
manufacturer.
Read only for user
Card identification number, card individual number for
identification.
RCA
16
Programmed during
initialization, not readable
Relative card address, local system address of a card,
dynamically assigned by the host during initialization.
CSD
128
Programmed by the
manufacturer. Partially
programmable by the user.
Card specific data, information about the card operation
conditions.
The CID and RCA are used for identifying and addressing the MultiMediaCard. The CSD contains the
card specific data record. This record is a set of information fields to define the operation conditions of the
MultiMediaCard.
For the user, the CID is read only register. The CSD contains read only area and some of one time or
multiple programmable area by the customer or provider. They are read out by special commands (refer to
Chapter “Commands”). The RCA registers are write only registers. Unlike CID and CSD, RCA looses its
contents after powering down the card. Its value is reassigned in each initialization cycle. The
MultiMediaCard registers usage in SPI mode is summarized in Table “MultiMediaCard Registers in SPI
Mode”:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com