Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28D032MM2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 4Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 5Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 6Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 6 of 88
available on the market. As any other SPI device the MultiMediaCard SPI interface consists of the
following four signals:
CS: Host to card Chip Select signal.
CLK: Host to card clock signal
Data in: Host to card data signal.
Data out: Card to host data signal.
The MultiMediaCard card identification and addressing methods are replaced by a hardware Chip Select
(CS) signal. There are no broadcast commands. For every command, a card (slave) is selected by
asserting (active low) the CS signal (refer to Figure “SPI Bus System”). The CS signal must be
continuously active for the duration of the SPI transaction (command, response and data). The only
exception occurs during card programming, when the host can de-assert the CS signal without affecting the
programming process. The bidirectional CMD and DAT lines are replaced by unidirectional data in and
data out signals. This eliminates the ability of executing commands while data is being read or written and,
therefore, makes the sequential and multi block read/write operations obsolete. The single and multiple
block read/write commands are supported by the SPI channel. The SPI interface uses the same seven
signals of the standard MultiMediaCard bus (refer to Table “SPI Interface Pin Configuration”).
Power
supply
SPI bus (CLK, Datain, Dataout)
SPI bus master
SPI card
SPI card
CS
CS
SPI Bus System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com