Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28D032MM2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 2Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 3Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 4Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 5Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 6Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 4 of 88
Interface
These Hitachi MultiMediaCards' interface can operate in two different modes:
• MultiMediaCard mode
• SPI mode
Both modes are using the same pins. The default mode is the MultiMediaCard mode. The SPI mode is
selected by activating (= 0) the CS signal (Pin1) and sending the CMD0.
MultiMediaCard Mode
In the MultiMediaCard mode, all data is transferred over a minimal number of lines:
• CLK: with each cycle of this signal a one-bit transfer on the command and data lines is done. The
frequency may vary between zero and the maximum clock frequency. The MultiMediaCard bus master
is free to generate these cycles without restrictions in the range of 0 to 20 MHz.
• CMD: is a bidirectional command channel used for card initialization and data transfer commands.
The CMD signal has two operation modes: open drain for initialization mode and push pull for fast
command transfer. Commands are sent from the MultiMediaCard bus master to the MultiMediaCard
and responses vice versa.
• DAT: is a bidirectional data channel with a width of one line. The DAT signal of the MultiMediaCard
operates in push pull mode.
• RSV: is pulled up with resistor (2 MΩ typ) in the MultiMediaCard. The external pull-up resistor
should be recommended if the system requires.
MultiMediaCard Host
ROD
RDAT
RCMD
1 2 3 4 5 6 7
MultiMediaCard
CMD
CLK
DAT
MultiMediaCard Mode Interface
All MultiMediaCards are connected directly to the lines of the MultiMediaCard bus. The following table
defines the card contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com