Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTS64K Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 27Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 28Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 29Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 30Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
FTS64K Block User Guide — Version V01.00
30
WARNING
Because of the impact of clock synchronization on the accuracy of the functional timings,
programming or erasing the Flash cannot be performed if the bus clock runs at less than 1 MHz.
Programming or erasing the Flash with an input clock < 150kHz should be avoided. Setting
FCLKDIV to a value such that FCLK < 150kHz can destroy the Flash due to overstress. Setting
FCLKDIV to a value such that (1/FCLK+Tbus) < 5
µs can result in incomplete programming or
erasure of the memory array cells.
If the FCLKDIV register is written, the bit FDIVLD is set automatically. If this bit is zero, the register has
not been written since the last reset. Program and erase commands will not be executed if this register has
not been written to.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com