Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTS64K Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 35Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 37Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 38Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 39Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 40Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
FTS64K Block User Guide — Version V01.00
37
5. If any of the four 16-bit words does not match the Flash content the MCU remains secured.
After the Backdoor Access Sequence has been correctly matched, the microcontroller will be unsecured.
The Flash security byte can be programmed to the unsecure state, if desired.
In the unsecured state the user has full control of the contents of the four word Backdoor Key by
programming it in bytes $FF00 - $FF07 of the Flash Protection/Options Field.
The security of the Flash module as defined in the Flash Security/Options byte ($FF0F) is not changed by
unsecuring the flash module using the back door access scheme. The Back Door Comparison Key stored
in words $FF00 - $FF07 is unaffected by the Back Door Access sequence. After the next reset sequence,
the security state of the Flash module is determined by the Flash Security/Options byte ($FF0F)}. The
back door access method of unsecuring the microcontroller has no effect on the program and erase
protections defined in the Flash Protection Register FPROT.
It is not possible to unsecure the microcontroller in Special Single Chip mode by the Backdoor Access Key
sequence via the Background Debug Mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com