Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTS64K Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 5Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 6Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 7Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 8Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 9Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 10Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 11Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 12Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
FTS64K Block User Guide — Version V01.00
9
Section 1 Introduction
1.1 Overview
This document describes the FTS64K module which is a 64k byte Flash (Non-Volatile) Memory. The
Flash array is organized as 1 block of 64k bytes organized as 1024 rows of 64 bytes. The Flash block’s
erase sector size is 8 rows (512 bytes).
The Flash memory may be read as either bytes, aligned words or misaligned words. Read access time is
one bus cycle for byte and aligned word, and two bus cycles for misaligned words.
Program and erase functions are controlled by a command driven interface. Both sector erase and mass
erase of the entire 64k byte Flash block are supported. An erased bit reads ’1’ and a programmed bit reads
’0’. The high voltage required to program and erase is generated internally by on-chip charge pumps.
It is not possible to read from the Flash block while it is being erased or programmed.
The Flash is ideal for program and data storage for single-supply applications allowing for field
reprogramming without requiring external programming voltage sources.
WARNING
A word must be erased before being programmed. Cumulative programming of bits within a word
is not allowed.
1.1.1 Glossary
Command Sequence
A three-step MCU instruction sequence to program, erase or erase-verify a Flash block.
1.2 Features
•
64k bytes of Flash memory.
•
Automated program and erase algorithm.
•
Interrupts on Flash command completion and command buffer empty.
•
Fast sector erase and word program operation.
•
2-stage command pipeline
•
Flexible protection scheme for protection against accidental program or erase.
•
Single power supply program and erase.
•
Security feature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com