Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTS64K Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 29Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 30Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 31Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 32Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 33Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 34Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 35Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
FTS64K Block User Guide — Version V01.00
33
Figure 4-2 Example Program Algorithm
Write: Register FCLKDIV
Read: Register FCLKDIV
Bit FDIVLD set?
Write: Array Address and
Write: Register FCMD
Program Command $20
Write: Register FSTAT
yes
no
Clear bit CBEIF $80
CBEIF
Set?
Bit
yes
Clock Register
Written
Check
1.
2.
3.
Clear bit ACCERR $10
Write: Register FSTAT
no
yes
no
Protection
Violation Check
Access
Error Check
Read: Register FSTAT
CCIF
Set?
Bit
no
no
Address, Data,
Command
Buffer Empty Check
Next Write?
yes
EXIT
no
Program Data
Clear bit PVIOL $20
Write: Register FSTAT
yes
PVIOL
Set?
Bit
ACCERR
Set?
Bit
Bit Polling for
Command
Completion Check
Read: Register FSTAT
yes
NOTE: command sequence
aborted by writing $00 to
FSTAT register.
NOTE: command sequence
aborted by writing $00 to
FSTAT register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com