Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 28Page - Microchip Technology MCP47FVB2X Datasheet HTML 29Page - Microchip Technology MCP47FVB2X Datasheet HTML 30Page - Microchip Technology MCP47FVB2X Datasheet HTML 31Page - Microchip Technology MCP47FVB2X Datasheet HTML 32Page - Microchip Technology MCP47FVB2X Datasheet HTML 33Page - Microchip Technology MCP47FVB2X Datasheet HTML 34Page - Microchip Technology MCP47FVB2X Datasheet HTML 35Page - Microchip Technology MCP47FVB2X Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MCP47FVBXX
DS20005405A-page 32
 2015 Microchip Technology Inc.
4.2.2
DEVICE CONFIGURATION
MEMORY
The STATUS register is described in Register 4-4.
4.2.3
UNIMPLEMENTED REGISTER BITS
Read Commands of a valid location will read unimple-
mented bits as ‘0’.
4.2.4
UNIMPLEMENTED (RESERVED)
LOCATIONS
Normal (Voltage) Commands (Read or Write) to any
unimplemented memory address (Reserved) will result
in a Command Error condition (NACK). Read
Commands of a reserved location will read bits as ‘1’.
High-Voltage Commands (Enable or Disable) to any
unimplemented Configuration bits will result in a
Command Error condition (NACK).
4.2.4.1
Default Factory POR Memory State
Table 4-2 shows the default factory POR initialization
of the device memory map for the 8-, 10- and 12-bit
devices.
TABLE 4-2:
FACTORY DEFAULT POR / BOR VALUES
Function
POR/BOR Value
Function
POR/BOR Value
00h Volatile DAC0 register
7Fh
1FFh
7FFh
10h Reserved (1)
FFh
3FFh
FFFh
01h Volatile DAC1 register
7Fh
1FFh
7FFh
11h Reserved (1)
FFh
3FFh
FFFh
02h Reserved (1)
FFh
3FFh
FFFh
12h Reserved (1)
FFh
3FFh
FFFh
03h Reserved (1)
FFh
3FFh
FFFh
13h Reserved (1)
FFh
3FFh
FFFh
04h Reserved (1)
FFh
3FFh
FFFh
14h Reserved (1)
FFh
3FFh
FFFh
05h Reserved (1)
FFh
3FFh
FFFh
15h Reserved (1)
FFh
3FFh
FFFh
06h Reserved (1)
FFh
3FFh
FFFh
16h Reserved (1)
FFh
3FFh
FFFh
07h Reserved (1)
FFh
3FFh
FFFh
17h Reserved (1)
FFh
3FFh
FFFh
08h VREF register
0000h 0000h 0000h
18h Reserved (1)
FFh
3FFh
FFFh
09h Power-Down register
0000h 0000h 0000h
19h Reserved (1)
FFh
3FFh
FFFh
0Ah Gain and Status register
0080h 0080h 0080h
1Ah Reserved (1)
FFh
3FFh
FFFh
0Bh WiperLock Technology
Status register
0000h 0000h 0000h
1Bh Reserved (1)
FFh
3FFh
FFFh
0Ch Reserved (1)
FFh
3FFh
FFFh
1Ch Reserved (1)
FFh
3FFh
FFFh
0Dh Reserved (1)
FFh
3FFh
FFFh
1Dh Reserved (1)
FFh
3FFh
FFFh
0Eh Reserved (1)
FFh
3FFh
FFFh
1Eh Reserved (1)
FFh
3FFh
FFFh
0Fh Reserved (1)
FFh
3FFh
FFFh
1Fh Reserved (1)
FFh
3FFh
FFFh
Volatile Memory address range
Nonvolatile Memory address range
Note 1:
Reading a reserved memory location will result in the I2C command to Not ACK the command byte. The
device data bits will output all ‘1’s. A Start condition will reset the I2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com