Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 82Page - Microchip Technology MCP47FVB2X Datasheet HTML 83Page - Microchip Technology MCP47FVB2X Datasheet HTML 84Page - Microchip Technology MCP47FVB2X Datasheet HTML 85Page - Microchip Technology MCP47FVB2X Datasheet HTML 86Page - Microchip Technology MCP47FVB2X Datasheet HTML 87Page - Microchip Technology MCP47FVB2X Datasheet HTML 88Page - Microchip Technology MCP47FVB2X Datasheet HTML 89Page - Microchip Technology MCP47FVB2X Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
MCP47FVBXX
DS20005405A-page 86
 2015 Microchip Technology Inc.
C.11
Integral Nonlinearity (INL)
The Integral Nonlinearity (INL) error is the maximum
deviation of an actual transfer function from an ideal
transfer function (straight line) passing through the
defined end-points of the DAC transfer function (after
offset and gain errors have been removed).
In the MCP47FVBXX, INL is calculated using the
defined end points, DAC code 100 and code 4000. INL
can be expressed as a percentage of Full-Scale Range
(FSR) or in LSb. INL is also called relative accuracy.
Equation C-6 shows how to calculate the INL error in
LSb and Figure C-4 shows an example of INL accuracy.
Positive INL means higher VOUT voltage than ideal.
Negative INL means lower VOUT voltage than ideal.
EQUATION C-6:
INL ERROR
FIGURE C-4:
INL Accuracy.
C.12
Differential Nonlinearity (DNL)
The
Differential
Nonlinearity
(DNL)
error
(see
Figure C-5) is the measure of step size between codes
in actual transfer function. The ideal step size between
codes is 1 LSb. A DNL error of zero would imply that
every code is exactly 1 LSb wide. If the DNL error is less
than 1 LSb, the DAC guarantees monotonic output and
no missing codes. Equation C-7 shows how to calculate
the DNL error between any two adjacent codes in LSb.
EQUATION C-7:
DNL ERROR
FIGURE C-5:
DNL Accuracy.
Where:
INL is expressed in LSb
VCalc_Ideal = Code * VLSb(Measured) + VOS
VOUT(Code = n) = The measured DAC output
voltage with a given DAC
register code
VLSb(Measured) = For Measured:
(VOUT(4000) - VOUT(100))/3900
VOS = Measured offset voltage
EINL =
( VOUT - VCalc_Ideal )
VLSb(Measured)
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
110
Ideal Transfer Function
Actual Transfer Function
INL = < -1 LSb
INL = 0.5 LSb
INL = - 1 LSb
Where:
DNL is expressed in LSb
VOUT(Code = n) = The measured DAC output
voltage with a given DAC
register code
VLSb(Measured) = For Measured:
(VOUT(4000) - VOUT(100))/3900
EDNL =
- 1
( VOUT(code = n+1) - VOUT(code = n) )
VLSb(Measured)
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
DNL = 2 LSb
DNL = 0.5 LSb
110
Ideal Transfer Function
Actual Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com