Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 37Page - Microchip Technology MCP47FVB2X Datasheet HTML 38Page - Microchip Technology MCP47FVB2X Datasheet HTML 39Page - Microchip Technology MCP47FVB2X Datasheet HTML 40Page - Microchip Technology MCP47FVB2X Datasheet HTML 41Page - Microchip Technology MCP47FVB2X Datasheet HTML 42Page - Microchip Technology MCP47FVB2X Datasheet HTML 43Page - Microchip Technology MCP47FVB2X Datasheet HTML 44Page - Microchip Technology MCP47FVB2X Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 41
MCP47FVBXX
5.3.2
OUTPUT VOLTAGE
The volatile DAC register values, along with the
device’s configuration bits, control the analog VOUT
voltage. The volatile DAC register’s value is unsigned
binary. The formula for the output voltage is provided in
Equation 5-2. Table 5-3 shows examples of volatile
DAC register values and the corresponding theoretical
VOUT voltage for the MCP47FVBXX devices.
EQUATION 5-2:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The following events update the DAC register value
and therefore the analog voltage output (VOUT):
• Power-on Reset
• Brown-out Reset
•I2C Write Command, Falling edge of the acknowl-
edge pulse of the last write command byte
•I2C General Call Reset command, Output is
updated with POR data.
Next, the VOUT voltage will start driving to the new
value after the event has occurred.
5.3.3
STEP VOLTAGE (VS)
The Step Voltage is dependent on the device resolution
and the calculated output voltage range. One LSb is
defined as the ideal voltage difference between two
successive codes. The step voltage can easily be cal-
culated by using Equation 5-3 (DAC register value is
equal to 1). Theoretical Step Voltages are shown in
Table 5-2 for several VREF voltages.
EQUATION 5-3:
VS CALCULATION
TABLE 5-2:
THEORETICAL STEP
VOLTAGE (VS)
(1)
Note:
When Gain = 2 (VRL = VREF),
if VREF > VDD / 2, the VOUT voltage will be
limited to VDD. So if VREF = VDD, then the
VOUT voltage will not change for volatile
DAC register values mid-scale and greater,
since the op amp is at full-scale output.
Where:
# Resistors in R-Ladder = 4096 (MCP47FVB2X)
1024 (MCP47FVB1X)
256 (MCP47FVB0X)
V
OUT
V
RL
DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=
VREF
5.0
2.7
1.8
1.5
1.0
VS
1.22mV
659uV
439uV
366uV
244uV 12-bit
4.88mV 2.64mV 1.76mV 1.46mV
977uV 10-bit
19.5mV 10.5mV 7.03mV 5.86mV 3.91mV 8-bit
Note 1:
When Gain = 1x, VFS = VRL, and VZS = 0V.
Where:
# Resistors in R-Ladder = 4096 (12-bit)
1024 (10-bit)
256 (8-bit)
V
S
V
RL
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com