Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 56Page - Microchip Technology MCP47FVB2X Datasheet HTML 57Page - Microchip Technology MCP47FVB2X Datasheet HTML 58Page - Microchip Technology MCP47FVB2X Datasheet HTML 59Page - Microchip Technology MCP47FVB2X Datasheet HTML 60Page - Microchip Technology MCP47FVB2X Datasheet HTML 61Page - Microchip Technology MCP47FVB2X Datasheet HTML 62Page - Microchip Technology MCP47FVB2X Datasheet HTML 63Page - Microchip Technology MCP47FVB2X Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
MCP47FVBXX
DS20005405A-page 60
 2015 Microchip Technology Inc.
7.3.1
GENERAL CALL RESET
The I2C General Call Reset command forces a reset
event. This is similar to the Power-on Reset, except
that the reset delay timer is not started. This command
allows multiple MCP47FVBXX devices to be reset
synchronously.
The device performs General Call Reset if the second
byte is “00000110” (06h). At the acknowledgment of
this byte, the device will abort the current conversion
and perform the following tasks:
• Internal Reset similar to a Power-on Reset (POR).
The device default settings are loaded into the
DAC registers and analog output is available
immediately (following the Acknowledgment
pulse).
•The VOUT will be available immediately, but after a
short time delay following the Acknowledgment
pulse. The VOUT value is determined by the
EEPROM contents.
7.3.2
GENERAL CALL WAKE-UP
The I2C General Call Wake-up command forces the
device to exit from it’s Power-Down state (forces the
PDxB:PDxA bits to ‘00’). This command allows multiple
MCP47FVBXX devices to wake-up synchronously.
The device performs General Call Wake-up if the
second byte (after the General Call Address) is
“00001010” (0Ah). At the acknowledgment of this
byte, the device will perform the following task:
• The device’s volatile power-down bits
(PDxB:PDxA) are forced to ‘00’.
FIGURE 7-9:
General Call Reset Command.
FIGURE 7-10:
General Call Wake-Up Command.
Control Byte
General Call Reset Command
S0 A
1 1 0 A P
General Call Address
Write bit
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
At the falling edge of the SCL pin for the General Call Wake-Up command ACK bit, the
MCP47FVBXX device is reset.
3:
This command sequence does not need to terminate (using the Stop bit), and the General
Call Wake-Up command can be repeated, or the General Call Reset command can be sent.
0
0
0
0
0
0
00
0
0
0
0
Start bit
ACK bit (1)
ACK bit (1, 2)
Stop bit (3)
Control Byte
General Call Wake-Up Command
S
0 A
0 1 0 A P
General Call Address
Write bit
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
At the falling edge of the SCL pin for the General Call Wake-Up command ACK bit, the volatile
power-down bits (PDxB:PDxA) are forced to ‘00’.
3:
This command sequence does not need to terminate (using the Stop bit), and the General
Call Wake-Up command can be repeated, or the General Call Reset command can be sent.
0
0
0
0
0
0
01
0
0
0
0
Start bit
ACK bit (1, 2)
Stop bit (3)
ACK bit (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com