Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 78Page - Microchip Technology MCP47FVB2X Datasheet HTML 79Page - Microchip Technology MCP47FVB2X Datasheet HTML 80Page - Microchip Technology MCP47FVB2X Datasheet HTML 81Page - Microchip Technology MCP47FVB2X Datasheet HTML 82Page - Microchip Technology MCP47FVB2X Datasheet HTML 83Page - Microchip Technology MCP47FVB2X Datasheet HTML 84Page - Microchip Technology MCP47FVB2X Datasheet HTML 85Page - Microchip Technology MCP47FVB2X Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MCP47FVBXX
DS20005405A-page 82
 2015 Microchip Technology Inc.
B.3.7
GENERAL CALL
The General Call is a method the “Master” device can
use to communicate with all other “Slave” devices. In a
Multi-Master application, the other Master devices are
operating in Slave mode. The General Call address
has two documented formats. These are shown in
Figure B-11.
The I2C specification documents three 7-bit command
bytes.
The I2C specification does not allow ‘00000000’ (00h)
in the second byte. Also ‘00000100’ and ‘00000110’
functionality is defined by the specification. Lastly a
data byte with a ‘1’ in the LSb indicates a “Hardware
General Call”.
For details on the operation of the MCP47FVBXX’s
General Call commands, see Section 7.3, General
Call Commands
.
FIGURE B-11:
General Call Formats.
Note:
Only one General Call command per issue
of the General Call control byte. Any
additional General Call commands are
ignored and Not Acknowledged.
0
000
S
000
0
x
x
xxx
A
xx
0
AP
General Call Address
Second Byte
“7-bit Command”
Reserved 7-bit Commands (By I2C Specification – NXP specification # UM10204, Rev. 06, 4 April 2014)
‘0000 011’
b - Reset and write programmable part of slave address by hardware
‘0000 010’
b - Write programmable part of slave address by hardware
‘0000 000’
b - NOT Allowed
The Following is a “Hardware General Call” format
0
00
0
S
00
0 0
x
xx
xx
A
xx
1
A
General Call Address
Second Byte
“Master Address”
x
xx
xx
x
x
x
AP
n occurrences of (Data + A)
This indicates a “Hardware General Call”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com